Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2511 Datasheet (PDF) - TriQuint Semiconductor

TGA2511 Datasheet PDF - TriQuint Semiconductor
Part # TGA2511
Download  TGA2511 Download

File Size   163.71 Kbytes
Page   14 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description X-Band Low Noise Amplifier

TGA2511 Datasheet (PDF)

Go To PDF Page Download Datasheet
TGA2511 Datasheet PDF - TriQuint Semiconductor

Part # TGA2511
Download  TGA2511 Click to download

File Size   163.71 Kbytes
Page   14 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description X-Band Low Noise Amplifier

TGA2511 Datasheet (HTML) - TriQuint Semiconductor

Back Button TGA2511 Datasheet HTML 1Page - TriQuint Semiconductor TGA2511 Datasheet HTML 2Page - TriQuint Semiconductor TGA2511 Datasheet HTML 3Page - TriQuint Semiconductor TGA2511 Datasheet HTML 4Page - TriQuint Semiconductor TGA2511 Datasheet HTML 5Page - TriQuint Semiconductor TGA2511 Datasheet HTML 6Page - TriQuint Semiconductor TGA2511 Datasheet HTML 7Page - TriQuint Semiconductor TGA2511 Datasheet HTML 8Page - TriQuint Semiconductor TGA2511 Datasheet HTML 9Page - TriQuint Semiconductor TGA2511 Datasheet HTML 10Page - TriQuint Semiconductor Next Button 

TGA2511 Product details

Product Description
The TriQuint TGA2511 is a wideband LNA with AGC amplifier for EW, ECM, and RADAR receiver or driver amplifier applications. Offering high gain 20dB typical from 6-14GHz, the TGA2511provides excellent noise performance with typical midband NF 1.3dB, while the balanced topology offers good return loss typically 15dB.

Key Features
• Typical Frequency Range: 6 - 14 GHz
• 1.3 dB Nominal Noise Figure
• 20 dB Nominal Gain
• Bias: 5 V, 160 mA Gate Bias 5 V, 80 mA Self Bias
• 0.15 um 3MI pHEMT Technology
• Chip Dimensions 2.05 x 1.20 x 0.10 mm (0.081 x 0.047 x 0.004 in)

Primary Applications
• X-Band Radar
• EW, ECM
• Point-to-Point Radio




Similar Part No. - TGA2511

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2511 TRIQUINT-TGA2511 Datasheet
404Kb / 15P
   X Band Low Noise Amplifier
TGA2511 TRIQUINT-TGA2511_15 Datasheet
404Kb / 15P
   X Band Low Noise Amplifier
More results


Similar Description - TGA2511

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-010528 MA-COM-MAAL-010528 Datasheet
450Kb / 7P
   X-Band Low Noise Amplifier
logo
TriQuint Semiconductor
TGA2511 TRIQUINT-TGA2511_15 Datasheet
404Kb / 15P
   X Band Low Noise Amplifier
TGA2512 TRIQUINT-TGA2512_15 Datasheet
513Kb / 19P
   X Band Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAL-010528 MA-COM-MAAL-010528_15 Datasheet
979Kb / 8P
   X-Band Low Noise Amplifier
logo
TriQuint Semiconductor
TGA2512 TRIQUINT-TGA2512 Datasheet
315Kb / 18P
   X-Band Low Noise Amplifier
TGA2600 TRIQUINT-TGA2600 Datasheet
166Kb / 9P
   X-band Ultra Low Noise Amplifier
logo
Tyco Electronics
MA01502D MACOM-MA01502D_1 Datasheet
319Kb / 6P
   X-Band Limiter/Low Noise Amplifier 8.5 -12.0 GHz
MA01503D MACOM-MA01503D_1 Datasheet
348Kb / 7P
   X-Band Limiter/Low Noise Amplifier 8.5 -12.0 GHz
logo
Filtronic Compound Semi...
FMA411 FILTRONIC-FMA411 Datasheet
227Kb / 3P
   LOW-NOISE X-BAND MMIC
logo
TriQuint Semiconductor
TGA4508 TRIQUINT-TGA4508_15 Datasheet
359Kb / 11P
   Ka Band Low Noise Amplifier
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com