Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQM120N03-1M5L Datasheet (PDF) - Vishay Siliconix

SQM120N03-1M5L Datasheet PDF - Vishay Siliconix
Part # SQM120N03-1M5L
Download  SQM120N03-1M5L Download
File Size   163.45 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive N-Channel 30 V (D-S) 175 °C MOSFET

SQM120N03-1M5L Datasheet (PDF)

Go To PDF Page Download Datasheet
SQM120N03-1M5L Datasheet PDF - Vishay Siliconix

Part # SQM120N03-1M5L
Download  SQM120N03-1M5L Click to download

File Size   163.45 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive N-Channel 30 V (D-S) 175 °C MOSFET

SQM120N03-1M5L Datasheet (HTML) - Vishay Siliconix


SQM120N03-1M5L Product details

FEATURES
• Halogen-free According to IEC 61249-2-21
Definition
• TrenchFET® Power MOSFET
• Package with Low Thermal Resistance
• 100 % Rg and UIS Tested
• AEC-Q101 Qualifiedd
• Compliant to RoHS Directive 2002/95/EC




Similar Part No. - SQM120N03-1M5L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM120N03-1M5L VISHAY-SQM120N03-1M5L Datasheet
173Kb / 9P
Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 13-Jun-11
SQM120N03-1m5L VISHAY-SQM120N03-1m5L Datasheet
220Kb / 10P
Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 14-Dec-15
SQM120N03-1m5L VISHAY-SQM120N03-1m5L Datasheet
215Kb / 9P
Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 14-Dec-15
SQM120N03-1m5L VISHAY-SQM120N03-1m5L Datasheet
223Kb / 10P
Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 18-Apr-16
SQM120N03-1M5L VISHAY-SQM120N03-1M5L Datasheet
162Kb / 9P
Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Similar Description - SQM120N03-1M5L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ3456BEV VISHAY-SQ3456BEV Datasheet
134Kb / 7P
Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 06-Jun-11
SQJ840EP VISHAY-SQJ840EP Datasheet
152Kb / 9P
Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 28-Nov-11
SQ3456EV VISHAY-SQ3456EV Datasheet
214Kb / 11P
Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. D, 16-Apr-12
SQM120N03-1M5L VISHAY-SQM120N03-1M5L Datasheet
173Kb / 9P
Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 13-Jun-11
SQD100N03-3M2L VISHAY-SQD100N03-3M2L_15 Datasheet
160Kb / 10P
Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 04-Mar-13
SQM120N031M5L VISHAY-SQM120N031M5L_15 Datasheet
163Kb / 10P
Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 13-Jun-11
SQ1470AEH VISHAY-SQ1470AEH Datasheet
296Kb / 13P
Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 17-Jun-15
SQM30010EL VISHAY-SQM30010EL_V02 Datasheet
196Kb / 9P
Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ128ELP VISHAY-SQJ128ELP_V02 Datasheet
342Kb / 8P
Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD100N03-3M4 VISHAY-SQD100N03-3M4_V02 Datasheet
161Kb / 9P
Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ1470AEH VISHAY-SQ1470AEH_V02 Datasheet
280Kb / 12P
Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com