Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1511-CQR Datasheet (PDF) - Gennum Corporation

GS1511-CQR Datasheet PDF - Gennum Corporation
Part # GS1511-CQR
Download  GS1511-CQR Download

File Size   131.87 Kbytes
Page   9 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description HD-LINX -TM GS1511 HDTV Serial Digital Formatter

GS1511-CQR Datasheet (PDF)

Go To PDF Page Download Datasheet
GS1511-CQR Datasheet PDF - Gennum Corporation

Part # GS1511-CQR
Download  GS1511-CQR Click to download

File Size   131.87 Kbytes
Page   9 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description HD-LINX -TM GS1511 HDTV Serial Digital Formatter

GS1511-CQR Datasheet (HTML) - Gennum Corporation

GS1511-CQR Datasheet HTML 1Page - Gennum Corporation GS1511-CQR Datasheet HTML 2Page - Gennum Corporation GS1511-CQR Datasheet HTML 3Page - Gennum Corporation GS1511-CQR Datasheet HTML 4Page - Gennum Corporation GS1511-CQR Datasheet HTML 5Page - Gennum Corporation GS1511-CQR Datasheet HTML 6Page - Gennum Corporation GS1511-CQR Datasheet HTML 7Page - Gennum Corporation GS1511-CQR Datasheet HTML 8Page - Gennum Corporation GS1511-CQR Datasheet HTML 9Page - Gennum Corporation

GS1511-CQR Product details

DESCRIPTION
The GS1511 HDTV Serial Digital Formatter formats the HDTV Luma and Chroma data according to SMPTE 292M prior to serialization by the GS1522 HDTV Serializer. The GS1511 optionally inserts TRS and line number signals based on externally supplied H, V and F signals. The device also allows the insertion of CRCs based on TRS signals embedded in the input data streams, should the user choose not to supply external HVF signals.

KEY FEATURES
• SMPTE 292M compliant
• NRZ(I) encoding
• SMPTE 292M scrambler with BYPASS option
• selectable TRS insertion
• selectable line number insertion
• selectable line based CRC insertion
• selectable active picture illegal code re-mapping
• 20 bit 3.3V CMOS compatible input data bus
• optimized output interface to GS1522
• Pb-free and Green
• single +3.3V power supply
• 5V tolerant I/O

APPLICATIONS
• SMPTE 292M Serial Digital Interfaces




Similar Part No. - GS1511-CQR

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1510 GENNUM-GS1510 Datasheet
106Kb / 11P
   HDTV Serial Digital Deformatter
GS1510-CQR GENNUM-GS1510-CQR Datasheet
106Kb / 11P
   HDTV Serial Digital Deformatter
logo
DAESAN ELECTRONIC CORP.
GS1510FL DAESAN-GS1510FL Datasheet
394Kb / 2P
   STANDARD RECTIFIER
logo
Pan Jit International I...
GS1510FL-AU PANJIT-GS1510FL-AU Datasheet
545Kb / 5P
   SURFACE GENERAL PURPOSE RECTIFIERS
June 13,2017-REV.03
logo
Gennum Corporation
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
More results


Similar Description - GS1511-CQR

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1501 GENNUM-GS1501 Datasheet
184Kb / 15P
   HDTV Serial Digital Formatter with ANC FIFOs
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
   GS1532 HD-LINX-TM II Multi-Rate Serializer
GS1574 GENNUM-GS1574 Datasheet
279Kb / 17P
   GS1574 HD-LINX -TM II Adaptive Cable Equalizer
GS1531 GENNUM-GS1531 Datasheet
848Kb / 49P
   GS1531 HD-LINX-TM II Multi-Rate Serializer
GS7025 GENNUM-GS7025_09 Datasheet
1Mb / 23P
   PRO-LINX Serial Digital Receiver
GS1522 GENNUM-GS1522 Datasheet
414Kb / 20P
   HDTV Serial Digital Serializer
GS1510 GENNUM-GS1510 Datasheet
106Kb / 11P
   HDTV Serial Digital Deformatter
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
More results




About Gennum Corporation


Gennum Corporation was a semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits (ICs) for the video, audio, and data communications markets. The company was headquartered in Burlington, Ontario, Canada.

Gennum's products included ICs for high-speed serial interfaces, such as HDMI (High-Definition Multimedia Interface) and DisplayPort, as well as ICs for video and audio processing, timing, and synchronization. Their ICs were used in a variety of applications, including digital displays, consumer electronics, and professional broadcast equipment.

The company was founded in 1973 and became a publicly-traded company in 1997. In 2012, Gennum was acquired by Semtech Corporation, a leading supplier of analog and mixed-signal semiconductor products.

Overall, Gennum was a trusted and reputable supplier of high-performance analog and mixed-signal ICs, with a strong reputation for innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com