Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7WZU04P6X-L22347 Datasheet (PDF) - ON Semiconductor

NC7WZU04P6X-L22347 Datasheet PDF - ON Semiconductor
Part # NC7WZU04P6X-L22347
Download  NC7WZU04P6X-L22347 Download

File Size   325.01 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description TinyLogic UHS Dual Unbuffered Inverter

NC7WZU04P6X-L22347 Datasheet (PDF)

Go To PDF Page Download Datasheet
NC7WZU04P6X-L22347 Datasheet PDF - ON Semiconductor

Part # NC7WZU04P6X-L22347
Download  NC7WZU04P6X-L22347 Click to download

File Size   325.01 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description TinyLogic UHS Dual Unbuffered Inverter

NC7WZU04P6X-L22347 Datasheet (HTML) - ON Semiconductor

Back Button NC7WZU04P6X-L22347 Datasheet HTML 1Page - ON Semiconductor NC7WZU04P6X-L22347 Datasheet HTML 2Page - ON Semiconductor NC7WZU04P6X-L22347 Datasheet HTML 3Page - ON Semiconductor NC7WZU04P6X-L22347 Datasheet HTML 4Page - ON Semiconductor NC7WZU04P6X-L22347 Datasheet HTML 5Page - ON Semiconductor NC7WZU04P6X-L22347 Datasheet HTML 6Page - ON Semiconductor NC7WZU04P6X-L22347 Datasheet HTML 7Page - ON Semiconductor NC7WZU04P6X-L22347 Datasheet HTML 8Page - ON Semiconductor NC7WZU04P6X-L22347 Datasheet HTML 9Page - ON Semiconductor NC7WZU04P6X-L22347 Datasheet HTML 10Page - ON Semiconductor Next Button 

NC7WZU04P6X-L22347 Product details

Description
The NC7WZU04 is a dual unbuffered inverter from onsemi’s Ultra
High Speed Series of TinyLogic in the space saving SC−88 6−lead
package. The special purpose unbuffered circuit design is intended for
crystal oscillator or analog applications. The internal circuit consists
of only one−stage, the output, to allow for this part to be used in these
oscillator or analog applications. The device is fabricated with
advanced CMOS technology to achieve ultra high speed with high
output drive while maintaining low static power dissipation over a
very broad VCC operating range. The device is specified to operate
over the 1.65 V to 5.5 V VCC range. The inputs are high impedance
when VCC is 0 V. Inputs tolerate voltages up to 5.5 V independent of
VCC operating voltage.

Features
• Space−Saving SC−88 6−Lead Package
• Ultra−Small MicroPak™ Leadless Packages
• Unbuffered for Crystal Oscillator and Analog Applications
• Balanced Output Drive: ±32 mA at 4.5 V VCC
• Balanced Output Drive: ±8 mA at 4.5 V VCC
(NC7WZU04P6X−L22347)
• Broad VCC Operating Range: 1.65 V to 5.5 V
• Low Quiescent Power: ICC < 1 A at 5 V VCC, TA = 25°C
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant




Similar Part No. - NC7WZU04P6X-L22347

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WZU04P6X FAIRCHILD-NC7WZU04P6X Datasheet
98Kb / 8P
   TinyLogic UHS Dual Unbuffered Inverter
NC7WZU04P6X FAIRCHILD-NC7WZU04P6X Datasheet
486Kb / 11P
   TinyLogic UHS Dual Unbuffered Inverter
logo
ON Semiconductor
NC7WZU04P6X ONSEMI-NC7WZU04P6X Datasheet
351Kb / 13P
   TinyLogic UHS Dual Unbuffered Inverter
June 2008 Rev. 1.0.4
More results


Similar Description - NC7WZU04P6X-L22347

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7WZU04 ONSEMI-NC7WZU04 Datasheet
351Kb / 13P
   TinyLogic UHS Dual Unbuffered Inverter
June 2008 Rev. 1.0.4
logo
Fairchild Semiconductor
NC7WZU04 FAIRCHILD-NC7WZU04_06 Datasheet
486Kb / 11P
   TinyLogic UHS Dual Unbuffered Inverter
NC7WZU04 FAIRCHILD-NC7WZU04 Datasheet
98Kb / 8P
   TinyLogic UHS Dual Unbuffered Inverter
NC7NZU04 FAIRCHILD-NC7NZU04 Datasheet
202Kb / 8P
   TinyLogic UHS Unbuffered Inverter
logo
ON Semiconductor
NC7SZU04 ONSEMI-NC7SZU04_V01 Datasheet
429Kb / 12P
   TinyLogic UHS Unbuffered Inverter
April, 2022 - Rev. 5
logo
Fairchild Semiconductor
NC7SZU04 FAIRCHILD-NC7SZU04 Datasheet
155Kb / 8P
   TinyLogic UHS Unbuffered Inverter
logo
ON Semiconductor
NC7SZU04 ONSEMI-NC7SZU04 Datasheet
587Kb / 10P
   TinyLogic UHS Unbuffered Inverter
October-2017, Rev. 2
logo
Fairchild Semiconductor
NC7NZU04 FAIRCHILD-NC7NZU04_05 Datasheet
192Kb / 7P
   TinyLogic UHS Unbuffered Inverter
logo
ON Semiconductor
NC7SZU04 ONSEMI-NC7SZU04_V02 Datasheet
443Kb / 11P
   TinyLogic UHS Unbuffered Inverter
August, 2023 - Rev. 7
NC7WZ04 ONSEMI-NC7WZ04 Datasheet
563Kb / 9P
   TinyLogic UHS Dual Inverter
October-2017, Rev . 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com