Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1252APG Datasheet (PDF) - ON Semiconductor

NCP1252APG Datasheet PDF - ON Semiconductor
Part # NCP1252APG
Download  NCP1252APG Download

File Size   377.16 Kbytes
Page   22 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Current Mode PWM Controller for Forward and Flyback Applications

NCP1252APG Datasheet (PDF)

Go To PDF Page Download Datasheet
NCP1252APG Datasheet PDF - ON Semiconductor

Part # NCP1252APG
Download  NCP1252APG Click to download

File Size   377.16 Kbytes
Page   22 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Current Mode PWM Controller for Forward and Flyback Applications

NCP1252APG Datasheet (HTML) - ON Semiconductor

Back Button NCP1252APG Datasheet HTML 1Page - ON Semiconductor NCP1252APG Datasheet HTML 2Page - ON Semiconductor NCP1252APG Datasheet HTML 3Page - ON Semiconductor NCP1252APG Datasheet HTML 4Page - ON Semiconductor NCP1252APG Datasheet HTML 5Page - ON Semiconductor NCP1252APG Datasheet HTML 6Page - ON Semiconductor NCP1252APG Datasheet HTML 7Page - ON Semiconductor NCP1252APG Datasheet HTML 8Page - ON Semiconductor NCP1252APG Datasheet HTML 9Page - ON Semiconductor NCP1252APG Datasheet HTML 10Page - ON Semiconductor Next Button 

NCP1252APG Product details

The NCP1252 controller offers everything needed to build cost−
effective and reliable ac−dc switching supplies dedicated to ATX
power supplies. Thanks to the use of an internally fixed timer,
NCP1252 detects an output overload without relying on the auxiliary
Vcc. A Brown−Out input offers protection against low input voltages
and improves the converter safety. Finally a SOIC−8 package saves
PCB space and represents a solution of choice in cost sensitive project.

Features
• Peak Current Mode Control
• Adjustable Switching Frequency up to 500 kHz
• Jittering Frequency ±5% of the Switching Frequency
• Latched Primary Over Current Protection with 10 ms Fixed Delay
• Delay Extended to 150 ms in E Version
• Delayed Operation Upon Start−up via an Internal Fixed Timer
(A, B and C versions only)
• Adjustable Soft−start Timer
• Auto−recovery Brown−Out Detection
• UC384X−like UVLO Thresholds
• Vcc Range from 9 V to 28 V with Auto−recovery UVLO
• Internal 160 ns Leading Edge Blanking
• Adjustable Internal Ramp Compensation
• +500 mA / –800 mA Source / Sink Capability
• Maximum 50% Duty Cycle: A Version
• Maximum 80% Duty Cycle: B Version
• Maximum 65% Duty Cycle: C Version
• Maximum 47.5% Duty Cycle: D & E Versions
• Ready for Updated No Load Regulation Specifications
• SOIC−8 and PDIP−8 Packages
• These are Pb−Free Devices

Typical Applications
• Power Supplies for PC Silver Boxes, Games Adapter...
• Flyback and Forward Converter




Similar Part No. - NCP1252APG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1252APG ONSEMI-NCP1252APG Datasheet
240Kb / 18P
   Current Mode PWM Controller for Forward and Flyback Applications
July, 2011 ??Rev. 4
NCP1252APG ONSEMI-NCP1252APG Datasheet
191Kb / 20P
   Current Mode PWM Controller for Forward and Flyback Applications
January, 2016 ??Rev. 7
More results


Similar Description - NCP1252APG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1252 ONSEMI-NCP1252_16 Datasheet
191Kb / 20P
   Current Mode PWM Controller for Forward and Flyback Applications
January, 2016 ??Rev. 7
NCP1252CDR2G ONSEMI-NCP1252CDR2G Datasheet
240Kb / 18P
   Current Mode PWM Controller for Forward and Flyback Applications
July, 2011 ??Rev. 4
NCP1212 ONSEMI-NCP1212_05 Datasheet
208Kb / 22P
   Current Mode PWM Controller for Both Forward and Flyback Converters
September, 2005 ??Rev. 3
NCP1212 ONSEMI-NCP1212 Datasheet
200Kb / 22P
   Current Mode PWM Controller for Both Forward and Flyback Converters
October, 2004 ??Rev. 2
NCP1294 ONSEMI-NCP1294 Datasheet
233Kb / 13P
   Flyback, Boost, Forward PWM Controller
July, 2009 ??Rev. 0
NCP1294 ONSEMI-NCP1294_V01 Datasheet
314Kb / 14P
   Flyback, Boost, Forward PWM Controller
August, 2021 - Rev. 1
NCP1294EDR2G ONSEMI-NCP1294EDR2G Datasheet
210Kb / 13P
   Flyback, Boost, Forward PWM Controller
July, 2009 ??Rev. 0
logo
Monolithic Power System...
EV3910-K-00A MPS-EV3910-K-00A Datasheet
449Kb / 9P
   Peak Current Mode PWM Controller Flyback EV Board
logo
Excelliance MOS Corp.
EM8631 EXCELLIANCE-EM8631 Datasheet
286Kb / 11P
   Green mode PWM Flyback Controller
EM8632 EXCELLIANCE-EM8632 Datasheet
285Kb / 11P
   Green mode PWM Flyback Controller
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com