Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

746-009-553-501 Datasheet (PDF) - EDAC, All Rights Reserved.

746-009-553-501 Datasheet PDF - EDAC, All Rights Reserved.
Part # 746-009-553-501
Download  746-009-553-501 Download
File Size   77.91 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 746 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing

746-009-553-501 Datasheet (PDF)

Go To PDF Page Download Datasheet
746-009-553-501 Datasheet PDF - EDAC, All Rights Reserved.

Part # 746-009-553-501
Download  746-009-553-501 Click to download

File Size   77.91 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 746 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing

746-009-553-501 Datasheet (HTML) - EDAC, All Rights Reserved.


746-009-553-501 Product details

Features

  • .125" (3.175mm) Contact spacing x .250" (6.35mm) row spacing
  • Accepts .062" (1.57mm) nominal thickness P.C. board
  • High profile insulator body, .645(16.38) with notched ends Option
  • Contact termination options include P.C. tail, and .025" (0.64mm) square wire wrap
  • Press-Fit compliant section for gas tight reliable connection in plated through holes eliminates soldering operations
  • Single or dual row configurations
  • Accepts between contact and In-Contact polarizing keys (Special features if requested)
  • Tools available for insulator and contact removal. Simple "Flat Rock" tooling is used for connector installation.
  • RoHS Compliant & UL Certified




Similar Part No. - 746-009-553-501

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
746-009-553-501 EDAC-746-009-553-501 Datasheet
241Kb / 2P
746 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
More results





Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com