Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDAT162G52-BA23 Datasheet (PDF) - Agere Systems

TDAT162G52-BA23 Datasheet PDF - Agere Systems
Part # TDAT162G52-BA23
Download  TDAT162G52-BA23 Download

File Size   10822.88 Kbytes
Page   810 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description MARS짰2G5 P-Pro (TDAT162G52) SONET/SDH 155/622/2488 Mbits/s Data Interface

TDAT162G52-BA23 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDAT162G52-BA23 Datasheet PDF - Agere Systems

Part # TDAT162G52-BA23
Download  TDAT162G52-BA23 Click to download

File Size   10822.88 Kbytes
Page   810 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description MARS짰2G5 P-Pro (TDAT162G52) SONET/SDH 155/622/2488 Mbits/s Data Interface

TDAT162G52-BA23 Datasheet (HTML) - Agere Systems

Back Button TDAT162G52-BA23 Datasheet HTML 1Page - Agere Systems TDAT162G52-BA23 Datasheet HTML 2Page - Agere Systems TDAT162G52-BA23 Datasheet HTML 3Page - Agere Systems TDAT162G52-BA23 Datasheet HTML 4Page - Agere Systems TDAT162G52-BA23 Datasheet HTML 5Page - Agere Systems TDAT162G52-BA23 Datasheet HTML 6Page - Agere Systems TDAT162G52-BA23 Datasheet HTML 7Page - Agere Systems TDAT162G52-BA23 Datasheet HTML 8Page - Agere Systems TDAT162G52-BA23 Datasheet HTML 9Page - Agere Systems TDAT162G52-BA23 Datasheet HTML 10Page - Agere Systems Next Button 

TDAT162G52-BA23 Product details

Description
The MARS2G5 P-Pro SONET/SDH interface device provides a versatile solution for quad OC-3, quad OC-12, and for single OC-48 linear datacom/telecom applications. Constructed using COM2 CMOS modular process, this device incorporates integrated SONET/SDH framing, section/line/path termination, pointer processing, and data engine blocks.

Features
■ One of the next-generation, system-on-a-chip devices of Agere Systems’ multiservice access & rate solutions MARSTM family of framers.
■ Transmission convergence and SONET/SDH terminal functionality for linear networks.
■ Versatile IC supports 155/622/2488 Mbits/s SONET/SDH interface solutions for packet over SONET (POS), packet over fiber (POF), or asynchronous transfer mode (ATM) applications.
■ Low-power 1.6 V/3.3 V operation.

SONET/SDH Interface
■ Termination of quad STS-3/STM-1, quad STS-12/STM-4, or single STS-48/STM-16.
■ Supports overhead processing for transport and path overhead bytes.
■ Optional insertion and extraction of overhead bytes via serial overhead interface.
■ STS pointer processing to align the receive frame to the system frame.
■ Support for 1 + 1 and 1:1 linear networks.
■ Full path termination and SPE extraction/insertion.
■ SONET/SDH compliant condition and alarm reporting.
■ Handles all concatenation levels of STS-3c to STS-48c (in multiples of 3: e.g., 3c, 6c, 9c, etc.).
■ Built-in diagnostic loopback modes.
■ Compliant with the following Telcordia Technologies®, ANSI®, and ITU standards:
    — GR-253 CORE: SONET Transport Systems: Common Generic Criteria.
    — ITU-T G.707: Network Node Interface for the Synchronous Digital Hierarchy.
    — ITU-T G.803: Architecture of Transport Networks Based on the Synchronous Digital Hierarchy.
    — T1.105: SONET-Basic Description including Multiplex Structure, Rates, and Formats.
    — T1.105.02 SONET-Payload Mappings.
    — T1.105.03 SONET-Jitter at Network Interfaces.
    — T1.105.06 SONET Physical Layer Specifications.
    — T1.105.07 SONET-Sub-STS-1 Interface Rates and Formats Specification.
    — ITU-T I.432: B-ISDN User-Network InterfacePhysical Layer Specification.
    — IETF RFC 2615: PPP over SONET/SDH.
    — IETF RFC 1661: The Point-to-Point Protocol (PPP).
    — IETF RFC 1662: PPP in HDLC-like Framing.

Data Processing
■ Provisionable data engine supports payload insertion/extraction for PPP, ATM, or HDLC streams.
■ Extraction and insertion of DS3 frames containing HDLC or ATM data streams for up to 16 channels.
■ Integrated UTOPIA Level 2 and Level 3 compatible physical layer interface for packets or ATM cells.
■ Provides/supports internal E3 mapping.
■ Supports DS3/PLCP and clear channel DS3 mapping.
■ Insertion and extraction of up to 16 separate data channels.
■ Direct cell/packet over fiber interface device.
■ Compliant with ATM forum, ITU standards, and IETF standards.
■ Supports generic framing procedure (GFP) protocol.

Interfaces
■ Enhanced UTOPIA interface for cell and packet transfer.
■ IEEE® 1149.1 port with BIST, scan, and boundry scan.

Microprocessor Interface
■ Up to 66 MHz synchronous.
■ 16-bit address and 16-bit data interface.
■ Synchronous or asynchronous modes available.
■ Configurable to operate with most commercial microprocessors.




Similar Part No. - TDAT162G52-BA23

ManufacturerPart #DatasheetDescription
logo
Agere Systems
TDAT042G51A-3BLL1 AGERE-TDAT042G51A-3BLL1 Datasheet
4Mb / 310P
   TDAT SONET/SDH 155/622/2488 Mbits/s Data Interfaces
TDAT04622 AGERE-TDAT04622 Datasheet
4Mb / 310P
   TDAT SONET/SDH 155/622/2488 Mbits/s Data Interfaces
More results


Similar Description - TDAT162G52-BA23

ManufacturerPart #DatasheetDescription
logo
Agere Systems
TDAT04622 AGERE-TDAT04622 Datasheet
4Mb / 310P
   TDAT SONET/SDH 155/622/2488 Mbits/s Data Interfaces
TMXF84622 AGERE-TMXF84622 Datasheet
902Kb / 62P
   TMXF84622 155 Mbits/s/622 Mbits/s Interface SONET/SDH x84/x63 Ultramapper
logo
PMC-Sierra, Inc
PM5319 PMC-PM5319 Datasheet
46Kb / 2P
   SONET/SDH Interface for 622 & 155 Mbit/s
logo
TriQuint Semiconductor
TQ8101C TRIQUINT-TQ8101C Datasheet
227Kb / 14P
   622/155 Mb/s SONET/SDH MDFP
logo
PMC-Sierra, Inc
PM5315 PMC-PM5315 Datasheet
57Kb / 2P
   SONET/SDH Payload Extractor/Aligner for 2488 Mbit/s
logo
Agere Systems
TMXF28155 AGERE-TMXF28155 Datasheet
9Mb / 606P
   TMXF28155 Super Mapper 155/51 Mbits/s SONET/SDH x28/x21 DS1/E1
logo
Applied Micro Circuits ...
S3029 AMCC-S3029 Datasheet
88Kb / 11P
   SONET/SDH/ATM 155 MBIT/S QUAD TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC8111 VITESSE-VSC8111 Datasheet
139Kb / 26P
   ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation
logo
PMC-Sierra, Inc
PM5313 PMC-PM5313 Datasheet
3Mb / 646P
   SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
logo
Intel Corporation
LXT6155 INTEL-LXT6155 Datasheet
314Kb / 50P
   155 Mbps SDH/SONET/ATM Transceiver
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com