Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLL410IK-3C Datasheet (PDF) - Eudyna Devices Inc

FLL410IK-3C Datasheet PDF - Eudyna Devices Inc
Part # FLL410IK-3C
Download  FLL410IK-3C Download

File Size   246.13 Kbytes
Page   6 Pages
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc
Description L-Band High Power GaAs FET

FLL410IK-3C Datasheet (PDF)

Go To PDF Page Download Datasheet
FLL410IK-3C Datasheet PDF - Eudyna Devices Inc

Part # FLL410IK-3C
Download  FLL410IK-3C Click to download

File Size   246.13 Kbytes
Page   6 Pages
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc
Description L-Band High Power GaAs FET

FLL410IK-3C Datasheet (HTML) - Eudyna Devices Inc

FLL410IK-3C Datasheet HTML 1Page - Eudyna Devices Inc FLL410IK-3C Datasheet HTML 2Page - Eudyna Devices Inc FLL410IK-3C Datasheet HTML 3Page - Eudyna Devices Inc FLL410IK-3C Datasheet HTML 4Page - Eudyna Devices Inc FLL410IK-3C Datasheet HTML 5Page - Eudyna Devices Inc FLL410IK-3C Datasheet HTML 6Page - Eudyna Devices Inc

FLL410IK-3C Product details

DESCRIPTION

The FLL410IK-3C is a partially matched 40 Watt GaAs FET that is designed for use in 2.5 – 2.7 GHz band amplifiers. This new product is uniquely suited for use in MMDS applications as it offers excellent linearity, high efficiency, high gain, long term reliability and ease of use.

Fujitsu’s stringent Quality Assurance Program assures the highest reliability and consistent performance.



FEATURES

• High Output Power: Pout=46.0dBm(Typ.)

• High Gain: GL=13.0dB(Typ.)

• High PAE: ηadd=52%(Typ.)

• Broad Band: 2.5~2.7GHz

• Hermetically Sealed Package



 




Similar Part No. - FLL410IK-3C

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FLL410IK-4C FUJITSU-FLL410IK-4C Datasheet
248Kb / 6P
   L-Band High Power GaAs FET
More results


Similar Description - FLL410IK-3C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLL800IQ-2C ETC-FLL800IQ-2C Datasheet
190Kb / 4P
   L-Band High Power GaAs FET
logo
Fujitsu Component Limit...
FLL2400IU-2C FUJITSU-FLL2400IU-2C Datasheet
105Kb / 4P
   L-Band High Power GaAs FET
FLL410IK-4C FUJITSU-FLL410IK-4C Datasheet
248Kb / 6P
   L-Band High Power GaAs FET
logo
Eudyna Devices Inc
FLL1200IU-3 EUDYNA-FLL1200IU-3 Datasheet
106Kb / 4P
   L-Band High Power GaAs FET
FLL600IQ-2C EUDYNA-FLL600IQ-2C Datasheet
121Kb / 4P
   L-Band High Power GaAs FET
FLL810IQ-3C EUDYNA-FLL810IQ-3C Datasheet
134Kb / 4P
   L-Band High Power GaAs FET
logo
List of Unclassifed Man...
FLL1500IU-2C ETC1-FLL1500IU-2C Datasheet
153Kb / 4P
   L-Band High Power GaAs FET
logo
Eudyna Devices Inc
FLL810IQ-4C EUDYNA-FLL810IQ-4C Datasheet
133Kb / 4P
   L-Band High Power GaAs FET
logo
Hexawave, Inc
HWF1681RA HW-HWF1681RA Datasheet
145Kb / 3P
   L-Band GaAs Power FET
HWF1682RA HW-HWF1682RA Datasheet
103Kb / 3P
   L-Band GaAs Power FET
More results




About Eudyna Devices Inc


Eudyna Devices Inc. is a semiconductor company that specializes in the design, development, and production of high-frequency, high-power, and high-reliability semiconductor devices. The company was founded in 1999 in Japan and has since expanded globally, with subsidiaries in the United States, Europe, and Asia.

Eudyna Devices Inc. produces a wide range of products, including microwave and millimeter-wave transistors, amplifiers, and diodes, which are used in various applications such as wireless communications, satellite broadcasting, and radar systems. The company's products are known for their high performance and reliability, and they are used by major companies in the telecommunications and defense industries.

In 2015, Eudyna Devices Inc. merged with Fujitsu Electronics Inc. to form the new company, Fujitsu Electronics Inc. The company continues to operate under the Fujitsu brand, and its products are marketed under the name Fujitsu RF Devices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com