Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB88155 Datasheet (PDF) - Fujitsu Component Limited.

MB88155 Datasheet PDF - Fujitsu Component Limited.
Part # MB88155
Download  MB88155 Download

File Size   216.1 Kbytes
Page   24 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description Spread Spectrum Clock Generator

MB88155 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB88155 Datasheet PDF - Fujitsu Component Limited.

Part # MB88155
Download  MB88155 Click to download

File Size   216.1 Kbytes
Page   24 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description Spread Spectrum Clock Generator

MB88155 Datasheet (HTML) - Fujitsu Component Limited.

Back Button MB88155 Datasheet HTML 1Page - Fujitsu Component Limited. MB88155 Datasheet HTML 2Page - Fujitsu Component Limited. MB88155 Datasheet HTML 3Page - Fujitsu Component Limited. MB88155 Datasheet HTML 4Page - Fujitsu Component Limited. MB88155 Datasheet HTML 5Page - Fujitsu Component Limited. MB88155 Datasheet HTML 6Page - Fujitsu Component Limited. MB88155 Datasheet HTML 7Page - Fujitsu Component Limited. MB88155 Datasheet HTML 8Page - Fujitsu Component Limited. MB88155 Datasheet HTML 9Page - Fujitsu Component Limited. MB88155 Datasheet HTML 10Page - Fujitsu Component Limited. Next Button 

MB88155 Product details

■ DESCRIPTION

MB88155 is a clock generator for EMI (Electro Magnetic Interference) reduction. The peak of unnecessary radi ation noise (EMI) can be attenuated by making the oscillation frequency slightly modulate periodically with the internal modulator. For modulation, the MB88155 supports both center-spreading and down-spreading. It has a non-modulated clock output pin (REFOUT) as well as a modulated clock output pin (CKOUT) .



■ FEATURES

• Input frequency : 12.5 MHz to 50 MHz (Multiplied by 1)

                          12.5 MHz to 20 MHz (Multiplied by 4)

• Output frequency : CKOUT 12.5 MHz to 80 MHz

                            REFOUT The same as input frequency (not multiplied)

• Modulation rate : ± 0.5%, ± 1.0% (center spread) , − 1.0%, − 2.0% (Down spread)

• Equipped with oscillation circuit : range of oscillation 12.5 MHz to 40 MHz (Fundamental oscillation)

40 MHz to 48 MHz (3rd overtone)

• Modulation clock output Duty : 40% to 60%

• Modulation clock cycle − cycle jitter : MB88155-1xx 12.5 MHz to 20 MHz less than 150 ps

                                                   MB88155-1xx 20 MHz to 50 MHz less than 100 ps

                                                   MB88155-4xx less than 200 ps

• Low current consumption by CMOS process : 5 mA (24 MHz : Typ-sample, no load)

• Power supply voltage : 3.3 V ± 0.3 V

• Operating temperature : − 40 °C to + 85 °C

• Package : 8-pin plastic TSSOP



 




Similar Part No. - MB88155

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88155 FUJITSU-MB88155 Datasheet
209Kb / 24P
   Spread Spectrum Clock Generator
MB88155 FUJITSU-MB88155 Datasheet
394Kb / 4P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
MB88155 CYPRESS-MB88155 Datasheet
2Mb / 27P
   Input frequency : 12.5 MHz to 50 MHz (Multiplied by 1)
logo
Fujitsu Component Limit...
MB88155-100 FUJITSU-MB88155-100 Datasheet
209Kb / 24P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
MB88155-100 CYPRESS-MB88155-100 Datasheet
2Mb / 27P
   Input frequency : 12.5 MHz to 50 MHz (Multiplied by 1)
More results


Similar Description - MB88155

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results




About Fujitsu Component Limited.


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com