Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP-MSM075/24 Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

LP-MSM075/24 Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # LP-MSM075/24
Download  LP-MSM075/24 Download
File Size   3627.35 Kbytes
Page   5 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description Positive Thermal Coefficent Diodes

LP-MSM075/24 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP-MSM075/24 Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LP-MSM075/24
Download  LP-MSM075/24 Click to download

File Size   3627.35 Kbytes
Page   5 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description Positive Thermal Coefficent Diodes

LP-MSM075/24 Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


LP-MSM075/24 Product details

Features
RoHS Compliant Halogen Free
faster tripping, 1812 Dimension, Surface mountable, Solid state
Operation Current: 0.10A~3.5 0A
Maximum Voltage: 6V~60Vdc
Operating Temperature:-40℃ TO 85℃




Similar Part No. - LP-MSM075/24

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LP-MSM014 LEIDITECH-LP-MSM014 Datasheet
493Kb / 1P
Fast tripping resettable circuit protection
LP-MSM014 LEIDITECH-LP-MSM014 Datasheet
494Kb / 1P
Polymer PTC Devices
LP-MSM050 LEIDITECH-LP-MSM050 Datasheet
376Kb / 1P
Lead-free and compliant with the European Union RoHS Directive
More results


Similar Description - LP-MSM075/24

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMD0805P020TF LEIDITECH-SMD0805P020TF Datasheet
999Kb / 5P
Positive Thermal Coefficent Diodes
SMD0805P005 LEIDITECH-SMD0805P005 Datasheet
1Mb / 6P
Positive Thermal Coefficent Diodes
SMD1206P005 LEIDITECH-SMD1206P005 Datasheet
2Mb / 7P
Positive Thermal Coefficent Diodes
SMD1210P005 LEIDITECH-SMD1210P005 Datasheet
1Mb / 6P
Positive Thermal Coefficent Diodes
SMD2920P030 LEIDITECH-SMD2920P030 Datasheet
1Mb / 5P
Positive Thermal Coefficent Diodes
HL06-075 LEIDITECH-HL06-075 Datasheet
475Kb / 4P
Positive Thermal Coefficent Diodes
HL30-050 LEIDITECH-HL30-050 Datasheet
1,009Kb / 4P
Positive Thermal Coefficent Diodes
HL130-010 LEIDITECH-HL130-010 Datasheet
1,008Kb / 4P
Positive Thermal Coefficent Diodes
SMD1206P012TFT1 LEIDITECH-SMD1206P012TFT1 Datasheet
2Mb / 6P
Positive Thermal Coefficent Diodes
LP-MSM110-33 LEIDITECH-LP-MSM110-33 Datasheet
3Mb / 5P
Positive Thermal Coefficent Diodes
Rev : 01.06.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com