Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61LV3216 Datasheet (PDF) - Integrated Silicon Solution, Inc

IS61LV3216 Datasheet PDF - Integrated Silicon Solution, Inc
Part # IS61LV3216
Download  IS61LV3216 Download

File Size   58.48 Kbytes
Page   8 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 32K x 16 LOW VOLTAGE CMOS STATIC RAM

IS61LV3216 Datasheet (PDF)

Go To PDF Page Download Datasheet
IS61LV3216 Datasheet PDF - Integrated Silicon Solution, Inc

Part # IS61LV3216
Download  IS61LV3216 Click to download

File Size   58.48 Kbytes
Page   8 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 32K x 16 LOW VOLTAGE CMOS STATIC RAM

IS61LV3216 Datasheet (HTML) - Integrated Silicon Solution, Inc

IS61LV3216 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61LV3216 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LV3216 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LV3216 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV3216 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV3216 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV3216 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV3216 Datasheet HTML 8Page - Integrated Silicon Solution, Inc

IS61LV3216 Product details

DESCRIPTION
The ISSI IS61LV3216 is a high-speed, 512K static RAM organized as 32,768 words by 16 bits. It is fabricated using ISSIs high-performance CMOS technology. This highly reliable process coupled with innovative circuit design techniques, yields fast access times with low power consumption.

FEATURES
• High-speed access time: 10, 12, 15, and 20 ns
• CMOS low power operation
    — 150 mW (typical) operating
    — 150 µW (typical) standby
• TTL compatible interface levels
• Single 3.3V ± 10% power supply
• Fully static operation: no clock or refresh required
• Three state outputs
• Industrial temperature available
• Available in 44-pin 400-mil SOJ package and 44-pin TSOP (Type 2)




Similar Part No. - IS61LV3216

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV3216L ISSI-IS61LV3216L Datasheet
102Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
IS61LV3216L-10K ISSI-IS61LV3216L-10K Datasheet
102Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
IS61LV3216L-10T ISSI-IS61LV3216L-10T Datasheet
102Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
IS61LV3216L-12K ISSI-IS61LV3216L-12K Datasheet
102Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
IS61LV3216L-12KI ISSI-IS61LV3216L-12KI Datasheet
102Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
More results


Similar Description - IS61LV3216

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV3216L ISSI-IS61LV3216L Datasheet
102Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS61LV256 ICSI-IS61LV256 Datasheet
121Kb / 8P
   32K X 8 LOW VOLTAGE CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62LV256L-15T ISSI-IS62LV256L-15T Datasheet
52Kb / 7P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS61LV256AL ISSI-IS61LV256AL_09 Datasheet
320Kb / 12P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS65LV256AL ISSI-IS65LV256AL_12 Datasheet
321Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS61LV256AL ISSI-IS61LV256AL Datasheet
95Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
61LV256 ISSI-61LV256 Datasheet
100Kb / 8P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS62LV256AL ISSI-IS62LV256AL Datasheet
105Kb / 14P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C1020BN CYPRESS-CY7C1020BN Datasheet
417Kb / 8P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020 Datasheet
183Kb / 9P
   32K x 16 Static RAM
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com