Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RNCF0201DTS24R9 Datasheet (PDF) - Stackpole Electronics, Inc.

RNCF0201DTS24R9 Datasheet PDF - Stackpole Electronics, Inc.
Part # RNCF0201DTS24R9
Download  RNCF0201DTS24R9 Download

File Size   498.29 Kbytes
Page   8 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Precision Thin Film Chip Resistor

RNCF0201DTS24R9 Datasheet (PDF)

Go To PDF Page Download Datasheet
RNCF0201DTS24R9 Datasheet PDF - Stackpole Electronics, Inc.

Part # RNCF0201DTS24R9
Download  RNCF0201DTS24R9 Click to download

File Size   498.29 Kbytes
Page   8 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Precision Thin Film Chip Resistor

RNCF0201DTS24R9 Datasheet (HTML) - Stackpole Electronics, Inc.

RNCF0201DTS24R9 Datasheet HTML 1Page - Stackpole Electronics, Inc. RNCF0201DTS24R9 Datasheet HTML 2Page - Stackpole Electronics, Inc. RNCF0201DTS24R9 Datasheet HTML 3Page - Stackpole Electronics, Inc. RNCF0201DTS24R9 Datasheet HTML 4Page - Stackpole Electronics, Inc. RNCF0201DTS24R9 Datasheet HTML 5Page - Stackpole Electronics, Inc. RNCF0201DTS24R9 Datasheet HTML 6Page - Stackpole Electronics, Inc. RNCF0201DTS24R9 Datasheet HTML 7Page - Stackpole Electronics, Inc. RNCF0201DTS24R9 Datasheet HTML 8Page - Stackpole Electronics, Inc.

RNCF0201DTS24R9 Product details

Features:
• Precision tolerances to ± 0.01%
• TCR down to ± 2 ppm/ºC
• Wide R-value range
• Lower values may be available
• Contact Stackpole for tighter tolerances
• Qualified to AEC-Q200
• 100% RoHS compliant and lead free without exemption
• Halogen free
• REACH compliant




Similar Part No. - RNCF0201DTS24R9

ManufacturerPart #DatasheetDescription
logo
Analog Devices
RNCF0805TKY2K00 AD-RNCF0805TKY2K00 Datasheet
2Mb / 24P
   Evaluating the AD74115H Single-Channel, Software Configurable Input and Output with HART Modem
Rev. 0
More results


Similar Description - RNCF0201DTS24R9

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
CAR0805-10RB1 RIEDON-CAR0805-10RB1 Datasheet
145Kb / 3P
   Thin Film Precision Chip Resistor
CAR0402 RIEDON-CAR0402_13 Datasheet
168Kb / 2P
   Thin Film Precision Chip Resistor
logo
C&B ELECTRONICS (SHENZH...
PTFR RESI-PTFR Datasheet
4Mb / 14P
   Precision Thin Film Chip Resistor
logo
IRC - a TT electronics ...
PCF-W0201LF-01-1001-F IRCTT-PCF-W0201LF-01-1001-F Datasheet
305Kb / 3P
   Precision Thin Film Nichrome Chip Resistor
logo
Vishay Siliconix
ACASPREC VISHAY-ACASPREC Datasheet
131Kb / 8P
   Precision Thin Film Chip Resistor Array
01-Jan-2022
ACAS0612 VISHAY-ACAS0612_13 Datasheet
146Kb / 8P
   Precision Thin Film Chip Resistor Array
Revision: 12-Apr-13
ACAC0612 VISHAY-ACAC0612_08 Datasheet
163Kb / 6P
   Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACAS0612AT VISHAY-ACAS0612AT Datasheet
142Kb / 6P
   Automotive Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
logo
Stackpole Electronics, ...
RNCS SEI-RNCS Datasheet
449Kb / 7P
   Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
logo
Vishay Siliconix
MCT0603MD4701BP100 VISHAY-MCT0603MD4701BP100 Datasheet
167Kb / 9P
   Precision Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 09-Apr-09
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com