Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD226XG-M Datasheet (PDF) - Rohm

BD226XG-M Datasheet PDF - Rohm
Part # BD226XG-M
Download  BD226XG-M Download
File Size   615.45 Kbytes
Page   37 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Current Limit High Side Switch ICs

BD226XG-M Datasheet (PDF)

Go To PDF Page Download Datasheet
BD226XG-M Datasheet PDF - Rohm

Part # BD226XG-M
Download  BD226XG-M Click to download

File Size   615.45 Kbytes
Page   37 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Current Limit High Side Switch ICs

BD226XG-M Datasheet (HTML) - Rohm


BD226XG-M Product details

General Description
BD226xG-M series are low on-resistance N-channel
MOSFET high-side power switches, optimized for
Universal Serial Bus (USB) applications. BD226xG-M
series are equipped with the function of over-current
detection, thermal shutdown, under-voltage lockout
and soft-start.

Features
 AEC-Q100 Qualified
 Over Current Protection
 0.3A: BD2262G-M
 0.76A: BD2264G-M / BD2265G-M
 0.97A: BD2266G-M / BD2267G-M
 Built-in Low ON-Resistance (Typ 120mΩ)
N-Channel MOSFET
 Reverse Current Protection when
Power Switch Off
 Thermal Shutdown
 Under-Voltage Lockout
 Open-Drain Error Flag Output
 Output Discharge Function
 Soft Start Circuit
 Control Input Logic
 Active-High:
BD2262G-M /BD2264G-M /BD2266G-M
 Active-Low:
BD2265G-M /BD2267G-M

Applications
Car accessory, Industrial applications




Similar Part No. - BD226XG-M

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD226 ISC-BD226 Datasheet
109Kb / 2P
isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
BD226 NJSEMI-BD226 Datasheet
134Kb / 2P
Silicon NPN Power Transistor
logo
Rohm
BD22621G-M ROHM-BD22621G-M Datasheet
1Mb / 26P
0.3A Current Limit High Side Switch ICs
2.Nov.2016 Rev.001
BD22621G-MTR ROHM-BD22621G-MTR Datasheet
1Mb / 26P
0.3A Current Limit High Side Switch ICs
2.Nov.2016 Rev.001
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
Current Limit High Side Switch ICs
More results


Similar Description - BD226XG-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
Current Limit High Side Switch ICs
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
Current Limit High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
0.5A Current Limit High Side Switch ICs
BD2062FJ ROHM-BD2062FJ_14 Datasheet
1Mb / 26P
2.4A Current Limit High Side Switch ICs
BD2224G ROHM-BD2224G_14 Datasheet
1,013Kb / 26P
0.75A Current Limit High Side Switch ICs
BD2240G ROHM-BD2240G_14 Datasheet
1,006Kb / 27P
1.0A Current Limit High Side Switch ICs
BD82000FVJ-LB ROHM-BD82000FVJ-LB Datasheet
532Kb / 26P
1.5A Current Limit High Side Switch ICs
BD82046FVJ ROHM-BD82046FVJ Datasheet
998Kb / 24P
3.2A Current Limit High Side Switch ICs
26.MAY.2014 Rev.002
BD2041AFJ ROHM-BD2041AFJ_14 Datasheet
1Mb / 26P
1.0A Current Limit High Side Switch ICs
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com