Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ER3D Datasheet (PDF) - Pan Jit International Inc.

ER3D Datasheet PDF - Pan Jit International Inc.
Part # ER3D
Download  ER3D Download

File Size   50.74 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT RECTIFIER(VOLTAGE- 50 to 600 Volts CURRENT - 3.0 Amperes)

ER3D Datasheet (PDF)

Go To PDF Page Download Datasheet
ER3D Datasheet PDF - Pan Jit International Inc.

Part # ER3D
Download  ER3D Click to download

File Size   50.74 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT RECTIFIER(VOLTAGE- 50 to 600 Volts CURRENT - 3.0 Amperes)

ER3D Datasheet (HTML) - Pan Jit International Inc.

ER3D Datasheet HTML 1Page - Pan Jit International Inc. ER3D Datasheet HTML 2Page - Pan Jit International Inc.

ER3D Product details

VOLTAGE 50 to 600 Volt CURRENT 3 Ampere

FEATURES
• For surface mounted applications
• High temperature metallurgically bonded-no compression
   contacts as found in other diode-constructed rectifiers
• Glass passivated junction
• Easy pick and place
• Plastic package has Underwriters Laboratory Flammability
   Classification 94V-O
• Lead free in compliance with EU RoHS 2.0
• Green molding compound as per IEC 61249 standard

MECHANICAL DATA
• Case: JEDEC DO-214AB molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: Color band denotes cathode end
• Standard packaging: 16mm tape (EIA-481)
• Weight: 0.0082 ounces, 0.2325 grams




Similar Part No. - ER3D

ManufacturerPart #DatasheetDescription
logo
Surge Components
ER3D SURGE-ER3D Datasheet
86Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 3.0 Amperes?
logo
Changzhou Shunye Electr...
ER3D SY-ER3D Datasheet
1Mb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Zibo Seno Electronic En...
ER3D ZSELEC-ER3D Datasheet
114Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
logo
Transys Electronics
ER3D TRSYS-ER3D Datasheet
158Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Pan Jit International I...
ER3D PANJIT-ER3D Datasheet
119Kb / 3P
   SURFACE MOUNT RECTIFIER
More results


Similar Description - ER3D

ManufacturerPart #DatasheetDescription
logo
Surge Components
ER3A SURGE-ER3A Datasheet
86Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 3.0 Amperes?
logo
DAESAN ELECTRONIC CORP.
SF31 DAESAN-SF31 Datasheet
302Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 600 Volts
MR850G DAESAN-MR850G Datasheet
212Kb / 2P
   CURRENT 3.0 AMPERES VOLTAGE 50 TO 600 VOLTS
logo
Pan Jit International I...
UF3A PANJIT-UF3A Datasheet
75Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 3.0 Amperes)
ER2A PANJIT-ER2A Datasheet
64Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Amperes)
logo
Yea Shin Technology Co....
EK3A YEASHIN-EK3A Datasheet
422Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 3.0 Ampere
ER3A YEASHIN-ER3A Datasheet
786Kb / 3P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 3.0 Ampere
logo
Surge Components
ES1A SURGE-ES1A Datasheet
83Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 1.0 Amperes?
ER2A SURGE-ER2A Datasheet
84Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 2.0 Amperes
FR3A SURGE-FR3A Datasheet
80Kb / 2P
   FAST SWITCHING SURFACE MOUNT RECTIFIER VOLTAGE - 50 to 800 Volts CURRENT -3.0 Amperes?
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com