Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

I3-1115G4E Datasheet (PDF) - Advantech Co., Ltd.

I3-1115G4E Datasheet PDF - Advantech Co., Ltd.
Part # I3-1115G4E
Download  I3-1115G4E Download

File Size   5475.92 Kbytes
Page   6 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 11th Gen. Intel® Core™ i7/i5/i3/Celeron U-series Pico-ITX SBC

I3-1115G4E Datasheet (PDF)

Go To PDF Page Download Datasheet
I3-1115G4E Datasheet PDF - Advantech Co., Ltd.

Part # I3-1115G4E
Download  I3-1115G4E Click to download

File Size   5475.92 Kbytes
Page   6 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 11th Gen. Intel® Core™ i7/i5/i3/Celeron U-series Pico-ITX SBC

I3-1115G4E Datasheet (HTML) - Advantech Co., Ltd.

I3-1115G4E Datasheet HTML 1Page - Advantech Co., Ltd. I3-1115G4E Datasheet HTML 2Page - Advantech Co., Ltd. I3-1115G4E Datasheet HTML 3Page - Advantech Co., Ltd. I3-1115G4E Datasheet HTML 4Page - Advantech Co., Ltd. I3-1115G4E Datasheet HTML 5Page - Advantech Co., Ltd. I3-1115G4E Datasheet HTML 6Page - Advantech Co., Ltd.

I3-1115G4E Product details

Features
ƒ 11th Gen. Intel® Core™ Processor with Quad/Dual Cores, TDP 15W
ƒ On-board LPDDR4x-4267 up to 32G with IBECC for Industrial Sku
ƒ Dual independent display: eDP/MIPI-DSI, DP up to 8K
ƒ 2 GbE, 2 USB 3.2, COM Port, SMBus/I2C
ƒ Expansion: M.2 E-Key, M.2 B-Key/M-Key NVMe x2
ƒ Supports iManager & Software APIs, WISE-DeviceOn, and Edge AI Suite




Similar Part No. - I3-1115G4E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
I3-9100HL ADVANTECH-I3-9100HL Datasheet
719Kb / 2P
   3U CompactPCI® Serial Intel® 9th Gen. Processor Blade
18-Feb-2022
More results


Similar Description - I3-1115G4E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIO-5375 ADVANTECH-MIO-5375 Datasheet
5Mb / 6P
   11th Gen. Intel® Core™ i7/i5/i3/Celeron U-Series 3.5" SBC w/ MIOe
10-Jun-2022
logo
Axiomtek Co., Ltd.
PICO500 AXIOMTEK-PICO500_17 Datasheet
330Kb / 1P
   Pico-ITX SBC with 6th Gen Intel Core i7/i5/i3 & Celeron Processors
logo
BCM Advanced Research.
EMX-TGLP BCM-EMX-TGLP Datasheet
616Kb / 2P
   11th Gen Intel® Core™ SoC i7/i5/i3 & Celeron BGA Mini-ITX Motherboard
2022/04/12
logo
Axiomtek Co., Ltd.
PICO512 AXIOMTEK-PICO512 Datasheet
376Kb / 1P
   Pico-ITX SBC with 7th Gen Intel Core i7/i5/i3 & Celeron Processor
logo
AAEON Technology
PICO-TGU4 AAEON-PICO-TGU4 Datasheet
506Kb / 2P
   Pico-ITX Board with 11th Generation Intel® Core™ i7/i5/i3/Celeron® U-Series Processor SoC
2022/12/06
logo
Axiomtek Co., Ltd.
PICO880 AXIOMTEK-PICO880_17 Datasheet
232Kb / 1P
   Pico-ITX SBC with 4th/5th Gen Intel Core i7/i5/i3 & Celeron Processor
logo
BCM Advanced Research.
ECM-TGU BCM-ECM-TGU Datasheet
3Mb / 2P
   11th Gen Intel® Tiger Lake U Core™ SoC i7/i5/i3 & Celeron® BGA Processor Onboard 3.5” SBC
02/17/2023
logo
AAEON Technology
PICO-KBU1 AAEON-PICO-KBU1 Datasheet
702Kb / 2P
   PICO-ITX Board with 7th Gen. Intel Core i7/i5/i3/Celeron U-Series SoC
PICO-TGU4-SEMI AAEON-PICO-TGU4-SEMI Datasheet
420Kb / 2P
   PICO-SEMI Embedded with 11th Generation Intel® Core™ i7/i5/i3/Celeron® U-Series Processor SoC
2022/11/08
PICO-KBU4 AAEON-PICO-KBU4 Datasheet
611Kb / 2P
   Pico-ITX Board with 7th Generation Intel® Core™ i7/i5/i3/Celeron® U-Series Processor SoC
2022/10/04
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com