Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL17SZ08DBVT1G Datasheet (PDF) - ON Semiconductor

NL17SZ08DBVT1G Datasheet PDF - ON Semiconductor
Part # NL17SZ08DBVT1G
Download  NL17SZ08DBVT1G Download

File Size   456.83 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single 2-Input AND Gate

NL17SZ08DBVT1G Datasheet (PDF)

Go To PDF Page Download Datasheet
NL17SZ08DBVT1G Datasheet PDF - ON Semiconductor

Part # NL17SZ08DBVT1G
Download  NL17SZ08DBVT1G Click to download

File Size   456.83 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single 2-Input AND Gate

NL17SZ08DBVT1G Datasheet (HTML) - ON Semiconductor

Back Button NL17SZ08DBVT1G Datasheet HTML 1Page - ON Semiconductor NL17SZ08DBVT1G Datasheet HTML 2Page - ON Semiconductor NL17SZ08DBVT1G Datasheet HTML 3Page - ON Semiconductor NL17SZ08DBVT1G Datasheet HTML 4Page - ON Semiconductor NL17SZ08DBVT1G Datasheet HTML 5Page - ON Semiconductor NL17SZ08DBVT1G Datasheet HTML 6Page - ON Semiconductor NL17SZ08DBVT1G Datasheet HTML 7Page - ON Semiconductor NL17SZ08DBVT1G Datasheet HTML 8Page - ON Semiconductor NL17SZ08DBVT1G Datasheet HTML 9Page - ON Semiconductor NL17SZ08DBVT1G Datasheet HTML 10Page - ON Semiconductor Next Button 

NL17SZ08DBVT1G Product details

The NL17SZ08 is a single 2−input AND Gate in tiny footprint
packages.

Features
• Designed for 1.65 V to 5.5 V VCC Operation
• 2.7 ns tPD at VCC = 5 V (typ)
• Inputs/Outputs Overvoltage Tolerant up to 5.5 V
• IOFF Supports Partial Power Down Protection
• Source/Sink 24 mA at 3.0 V
• Available in SC−88A, SC−74A, SOT−553, SOT−953 and UDFN6
Packages
• Chip Complexity < 100 FETs
• NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant




Similar Part No. - NL17SZ08DBVT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ08DFT2 ONSEMI-NL17SZ08DFT2 Datasheet
78Kb / 8P
   Single 2-Input AND Gate
February, 2003 - Rev. 3
NL17SZ08DFT2 ONSEMI-NL17SZ08DFT2 Datasheet
115Kb / 6P
   Single 2?묲nput AND Gate
March, 2006 ??Rev. 7
NL17SZ08DFT2G ONSEMI-NL17SZ08DFT2G Datasheet
115Kb / 6P
   Single 2?묲nput AND Gate
March, 2006 ??Rev. 7
NL17SZ08DFT2G ONSEMI-NL17SZ08DFT2G Datasheet
82Kb / 7P
   Single 2-Input AND Gate
November, 2015 ??Rev. 20
More results


Similar Description - NL17SZ08DBVT1G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1T08 STMICROELECTRONICS-74V1T08_04 Datasheet
108Kb / 9P
   SINGLE 2-INPUT AND GATE
74V1G08STR STMICROELECTRONICS-74V1G08STR Datasheet
202Kb / 9P
   SINGLE 2-INPUT AND GATE
July 2001
logo
New Japan Radio
NL17SV08XV5T2 NJRC-NL17SV08XV5T2 Datasheet
42Kb / 6P
   Single 2-Input AND Gate
logo
ON Semiconductor
NLU1G08 ONSEMI-NLU1G08 Datasheet
98Kb / 8P
   Single 2-Input AND Gate
March, 2008 - Rev. 2
NL17SV08 ONSEMI-NL17SV08 Datasheet
85Kb / 5P
   Single 2-Input AND Gate
May, 2014 ??Rev. 7
MC74VHC1G08DTT1G ONSEMI-MC74VHC1G08DTT1G Datasheet
122Kb / 6P
   Single 2-Input AND Gate
February, 2013 ??Rev. 20
MC74HC1G08 ONSEMI-MC74HC1G08_18 Datasheet
172Kb / 9P
   Single 2-Input AND Gate
November, 2018 ??Rev. 15
MC74VHC1G08 ONSEMI-MC74VHC1G08_15 Datasheet
80Kb / 6P
   Single 2-Input AND Gate
May, 2015 ??Rev. 21
MC74VHC1G08 ONSEMI-MC74VHC1G08_18 Datasheet
206Kb / 14P
   Single 2-Input AND Gate
November, 2018 ??Rev. 22
NL17SZ08 ONSEMI-NL17SZ08_18 Datasheet
189Kb / 13P
   Single 2-Input AND Gate
November, 2018 ??Rev. 22
logo
NXP Semiconductors
74LVC1G08 NXP-74LVC1G08_13 Datasheet
354Kb / 19P
   Single 2-input AND gate
Rev. 10-29 June 2012
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com