Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0638196800 Datasheet (PDF) - Molex Electronics Ltd.

0638196800 Datasheet PDF - Molex Electronics Ltd.
Part # 0638196800
Download  0638196800 Download

File Size   32.36 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for Industry standard 1.78mm Terminals

0638196800 Datasheet (PDF)

Go To PDF Page Download Datasheet
0638196800 Datasheet PDF - Molex Electronics Ltd.

Part # 0638196800
Download  0638196800 Click to download

File Size   32.36 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for Industry standard 1.78mm Terminals

0638196800 Datasheet (HTML) - Molex Electronics Ltd.

0638196800 Datasheet HTML 1Page - Molex Electronics Ltd.

0638196800 Product details

General
Product Family Application Tooling
Series 207129
Comments See Tooling Specification (PDF) Above. Type: 4A
Function Crimp
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information applicationtooling@molex.com
Overview Application Tooling
Product Name PremiumGrade
Taxonomy Crimp Presses and Crimp Hand T
Tool Type Hand Crimp Tool
UPC 883906483845
Warranty Disclaimer CAUTION: Molex tooling crimp specifications are
valid only when used with Molex terminals and tooling
manufactured by Molex and sold by Molex or authorized
distributors ("Molex Tooling"). When using tooling
other than Molex Tooling with Molex specific connector
systems listed in our ATS documents, the Molex tooling
qualification does not apply and the responsibility for
full qualification of the connector system is that of the
customer. Molex accepts no liability for connector
performance or tooling support where tooling other
than Molex Tooling is used or where Molex Tooling is
modified.




Similar Part No. - 0638196800

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638196300 MOLEX-0638196300 Datasheet
35Kb / 1P
   Hand Crimp Tool for .250 Crimp Terminals
11/02/2021
0638196400 MOLEX-0638196400 Datasheet
36Kb / 1P
   Hand Crimp Tool for .250 Crimp Terminals
11/02/2021
0638196500 MOLEX-0638196500 Datasheet
35Kb / 1P
   Hand Tool for .250 Crimp Terminals
11/02/2021
0638196600 MOLEX-0638196600 Datasheet
34Kb / 1P
   Hand Tool for Quick Disconnect, Female Flag for 1.00 - 1.50mm짼
11/02/2021
0638196900 MOLEX11-0638196900 Datasheet
30Kb / 1P
   Hand Crimp Tool for Industry standard 1.78mm Tab Terminals, 24-26 AWG Wire
More results


Similar Description - 0638196800

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638196900 MOLEX11-0638196900 Datasheet
30Kb / 1P
   Hand Crimp Tool for Industry standard 1.78mm Tab Terminals, 24-26 AWG Wire
ATS-6381969HM MOLEX-ATS-6381969HM Datasheet
355Kb / 6P
   Hand Crimp Tool for VersaBlade??Industry standard .070 Terminals
10-13-10
ATS-638196800 MOLEX-ATS-638196800 Datasheet
328Kb / 5P
   Hand Crimp Tool for VersaBlade??Industry standard .070" Terminals
7-23-10
ATS-638270300 MOLEX-ATS-638270300 Datasheet
986Kb / 7P
   Hand Crimp Tool for 1.78mm (.070") Tab Female Crimp Terminals
07-17-15
0638270300 MOLEX11-0638270300 Datasheet
33Kb / 1P
   Hand Crimp Tool for 1.78mm (.070) Tab Female Crimp Terminals
ATS-6382705HM MOLEX-ATS-6382705HM Datasheet
384Kb / 6P
   Hand Crimp Tool for 1.78mm (.070) Tab Female Crimp Terminals
01-20-14
0638270500 MOLEX11-0638270500 Datasheet
36Kb / 1P
   Hand Crimp Tool for 1.78mm (.070) Tab Female Crimp Terminals
0638270400 MOLEX11-0638270400 Datasheet
29Kb / 1P
   Hand Crimp Tool for 1.78mm (.070) Tab Female Crimp Terminals
ATS-6382704HM MOLEX-ATS-6382704HM Datasheet
330Kb / 6P
   Hand Crimp Tool for 1.78mm (.070) Tab Female Crimp Terminals
09-13-13
63819-0100 MOLEX11-63819-0100 Datasheet
45Kb / 1P
   Hand Crimp Tool for Crimp Terminals
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com