Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

1718-32L Datasheet (PDF) - GHz Technology

1718-32L Datasheet PDF - GHz Technology
Part No. 1718-32L
Download  1718-32L Click to view

File Size   182.24 Kbytes
Page   2 Pages
Manufacturer  GHZTECH [GHz Technology]
Direct Link  http://www.microsemi.com/
Logo GHZTECH - GHz Technology
Description 32 Watt - 24 Volts, Class C Microwave 1750 - 1850 MHz

1718-32L Datasheet (PDF)

Go To PDF Page Download Datasheet
1718-32L Datasheet PDF - GHz Technology

Part No. 1718-32L
Download  1718-32L Click to view

File Size   182.24 Kbytes
Page   2 Pages
Manufacturer  GHZTECH [GHz Technology]
Direct Link  http://www.microsemi.com/
Logo GHZTECH - GHz Technology
Description 32 Watt - 24 Volts, Class C Microwave 1750 - 1850 MHz

1718-32L Datasheet (HTML) - GHz Technology

1718-32L Datasheet HTML 1Page - GHz Technology 1718-32L Datasheet HTML 2Page - GHz Technology

1718-32L Product details

GENERAL DESCRIPTION
The 1718-32L is a COMMON BASE transistor capable of providing 32 Watts of Class C, RF output power over the band 1750-1850 MHz. This transistor is designed for Microwave Broadband Class C amplifier applications. It includes Input and Output prematching and utilizes Gold metalization and diffused ballasting to provide high reliability and supreme ruggedness. The transistor uses a fully hermetic High Temperature Solder sealed package.



Similar Part No. - 1718-32L

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
1718003 PHOENIX-1718003 Datasheet
91Kb / 3P
   MKDS 1,5/ 5 BD:1- 5
1718009 PHOENIX-1718009 Datasheet
80Kb / 4P
   Plug - QC 1,5/ 6-ST
1718012 PHOENIX-1718012 Datasheet
77Kb / 4P
   Plug - QC 1,5/ 7-ST
1718025 PHOENIX-1718025 Datasheet
80Kb / 4P
   Plug - QC 1,5/ 8-ST
1718029 PHOENIX-1718029 Datasheet
84Kb / 6P
   PCB terminal block - GSMKDSP 1,5/ 2
More results

Similar Description - 1718-32L

ManufacturerPart No.DatasheetDescription
GHz Technology
GHz Technology
1819-35 GHZTECH-1819-35 Datasheet
206Kb / 2P
   35 Watt - 28 Volts, Class C Microwave 1750 - 1850 MHz
1719-35 GHZTECH-1719-35 Datasheet
229Kb / 2P
   35 Watt - 28 Volts, Class C Microwave 1725 - 1850 MHz
2001 GHZTECH-2001 Datasheet
208Kb / 4P
   1.0 Watt - 28 Volts, Class C Microwave 2000 MHz
2301 GHZTECH-2301 Datasheet
170Kb / 3P
   1.5 Watt - 20 Volts, Class C Microwave 2300 MHz
3001 GHZTECH-3001 Datasheet
213Kb / 4P
   1 Watt - 28 Volts, Class C Microwave 3000 MHz
2302 GHZTECH-2302 Datasheet
78Kb / 2P
   2.0 Watt - 20 Volts, Class C Microwave 2300 MHz
List of Unclassifed Manufacturers
List of Unclassifed Man...
2302 ETC-2302 Datasheet
76Kb / 2P
   2.0 Watt - 20 Volts, Class C Microwave 2300 MHz
GHz Technology
GHz Technology
2005 GHZTECH-2005 Datasheet
166Kb / 3P
   5.0 Watt - 28 Volts, Class C Microwave 2000 MHz
2010 GHZTECH-2010 Datasheet
277Kb / 3P
   10 Watt - 28 Volts, Class C Microwave 2000 MHz
1618-35 GHZTECH-1618-35 Datasheet
292Kb / 3P
   35 Watt - 28 Volts, Class C Microwave 1600 - 1800 MHz
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com