Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXSK-SFP+LR-C Datasheet (PDF) - ATGBICS by Approved Technology

AXSK-SFP+LR-C Datasheet PDF - ATGBICS by Approved Technology
Part # AXSK-SFP+LR-C
Download  AXSK-SFP+LR-C Download
File Size   569.83 Kbytes
Page   10 Pages
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology
Description AXSK-SFPLR A10 Networks Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)

AXSK-SFP+LR-C Datasheet (PDF)

Go To PDF Page Download Datasheet
AXSK-SFP+LR-C Datasheet PDF - ATGBICS by Approved Technology

Part # AXSK-SFP+LR-C
Download  AXSK-SFP+LR-C Click to download

File Size   569.83 Kbytes
Page   10 Pages
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology
Description AXSK-SFPLR A10 Networks Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)

AXSK-SFP+LR-C Datasheet (HTML) - ATGBICS by Approved Technology


AXSK-SFP+LR-C Product details

Features

ATGBICS AXSK-SFP+LR 10GBase-LR supports a distance of up to 10km over single-mode fibre (SMF) using a wavelength of 1310nm via an LC connector.

Digital optical monitoring (DOM) support is also present enabling real-time monitoring of the parameters of the fibre optic transceiver.

Our product meets or exceeds the specification of A10 Networks AXSK-SFP+LR= and we proudly offer a compatibility guarantee and lifetime warranty.

Our rigorously tested products record a unique traceable serial number and are fully compliant with all MSA Standards.

.

Category

Network Transceiver Modules.

Warrenty note

Limited Lifetime.




Similar Part No. - AXSK-SFP+LR-C

ManufacturerPart #DatasheetDescription
logo
ShenZhen ChipSourceTek ...
AXS 2030 CHIPSOURCETEK-AXS 2030 Datasheet
1Mb / 9P
5.2W Single Channel Class AB/D Audio Power Amplifier
verison2.0
logo
Abracon Corporation
AXS-1147-02-02 ABRACON-AXS-1147-02-02 Datasheet
419Kb / 1P
CRYSTAL TEST & BURN IN SOCKET
08.21.09
AXS-1155-04-01 ABRACON-AXS-1155-04-01 Datasheet
410Kb / 1P
CRYSTAL TEST & BURN-IN SOCKET
07.10.09
AXS-2012-02-04 ABRACON-AXS-2012-02-04 Datasheet
420Kb / 1P
Highest quality socket available
07.10.09
AXS-2016-04-04 ABRACON-AXS-2016-04-04 Datasheet
413Kb / 1P
Clam shell design for easy open and close
07.10.09
More results


Similar Description - AXSK-SFP+LR-C

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
10G-SFP-LR-C ATGBICS-10G-SFP-LR-C Datasheet
366Kb / 10P
10G-SFP-LR Myricom Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
ET5402-LR-C ATGBICS-ET5402-LR-C Datasheet
569Kb / 10P
ET5402-LR Edgecore Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
FG-TRAN-SFP+LR-C ATGBICS-FG-TRAN-SFP+LR-C Datasheet
570Kb / 10P
FG-TRAN-SFPLR Fortinet Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
QFX-10GBASE-LR-C ATGBICS-QFX-10GBASE-LR-C Datasheet
367Kb / 10P
QFX-10GBASE-LR Juniper Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
QFX-SFP-10GE-LR-C ATGBICS-QFX-SFP-10GE-LR-C Datasheet
367Kb / 10P
QFX-SFP-10GE-LR Juniper Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
SFP+KT-LR-C ATGBICS-SFP+KT-LR-C Datasheet
366Kb / 10P
SFPKT-LR NetOptics Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
SFP-10G-LR-C ATGBICS-SFP-10G-LR-C Datasheet
570Kb / 10P
SFP-10G-LR Cisco Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
SFP-10G-LR-S-C ATGBICS-SFP-10G-LR-S-C Datasheet
570Kb / 10P
SFP-10G-LR-S Cisco Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
SFP10G-LR-C ATGBICS-SFP10G-LR-C Datasheet
367Kb / 10P
SFP10G-LR ZyXEL Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
SFPP-LR-C ATGBICS-SFPP-LR-C Datasheet
569Kb / 10P
SFPP-LR Fujitsu Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com