Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO4802 Datasheet (PDF) - Alpha & Omega Semiconductors

AO4802 Datasheet PDF - Alpha & Omega Semiconductors
Part # AO4802
Download  AO4802 Download

File Size   116.46 Kbytes
Page   4 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Dual N-Channel Enhancement Mode Field Effect Transistor

AO4802 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4802 Datasheet PDF - Alpha & Omega Semiconductors

Part # AO4802
Download  AO4802 Click to download

File Size   116.46 Kbytes
Page   4 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Dual N-Channel Enhancement Mode Field Effect Transistor

AO4802 Datasheet (HTML) - Alpha & Omega Semiconductors

AO4802 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4802 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4802 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4802 Datasheet HTML 4Page - Alpha & Omega Semiconductors

AO4802 Product details

General Description
The AO4802 uses advanced trench technology to provide excellent RDS(ON) and low gate charge. They offer operation over a wide gate drive range from 1.8V to 12V. The two devices may be used individually, in parallel or to form a bidirectional blocking switch. AO4802L ( Green Product ) is offered in a lead-free package.

Features
    VDS (V) = 30V
    ID = 7A
    RDS(ON) < 26mΩ (VGS = 10V)
    RDS(ON) < 30mΩ (VGS = 4.5V)
    RDS(ON) < 40mΩ (VGS = 2.5V)
    RDS(ON) < 70mΩ (VGS = 1.8V)




Similar Part No. - AO4802

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AO4800 ALPHA-AO4800 Datasheet
325Kb / 6P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4800 AOSMD-AO4800 Datasheet
76Kb / 5P
   Plastic Encapsulated Device
logo
VBsemi Electronics Co.,...
AO4800 VBSEMI-AO4800 Datasheet
1Mb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AO4800 DOINGTER-AO4800 Datasheet
1Mb / 5P
   Dual N-Channel MOSFET uses advanced trench technology
logo
Guangdong Kexin Industr...
AO4800-HF KEXIN-AO4800-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
More results


Similar Description - AO4802

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM8206 CET-CEM8206 Datasheet
61Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM11M2 CET-CEM11M2 Datasheet
1,005Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4800A AOSMD-AO4800A Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4818 AOSMD-AO4818 Datasheet
204Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4822 AOSMD-AO4822 Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com