Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHE144PGHE Datasheet (PDF) - AUK corp

SHE144PGHE Datasheet PDF - AUK corp
Part # SHE144PGHE
Download  SHE144PGHE Download

File Size   282.13 Kbytes
Page   5 Pages
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp
Description Oval Type High Efficiency LED Lamp

SHE144PGHE Datasheet (PDF)

Go To PDF Page Download Datasheet
SHE144PGHE Datasheet PDF - AUK corp

Part # SHE144PGHE
Download  SHE144PGHE Click to download

File Size   282.13 Kbytes
Page   5 Pages
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp
Description Oval Type High Efficiency LED Lamp

SHE144PGHE Datasheet (HTML) - AUK corp

SHE144PGHE Datasheet HTML 1Page - AUK corp SHE144PGHE Datasheet HTML 2Page - AUK corp SHE144PGHE Datasheet HTML 3Page - AUK corp SHE144PGHE Datasheet HTML 4Page - AUK corp SHE144PGHE Datasheet HTML 5Page - AUK corp

SHE144PGHE Product details

Features
• Green colored transparency lens type
• Ellipse type(X=4.6mm, Y=5.8mm)
• Ultra luminosity
• Flangeless package
• High power LEDs
• Oval shape
• View Angle : 70˚ / 34˚
• E ; ESD Protected (±2.0KV, 3 times @100pF, 1.5KΩ)

Application
• Full color displays
• Message boards
• Variable message signs(VMS)




Similar Part No. - SHE144PGHE

ManufacturerPart #DatasheetDescription
logo
AUK corp
SHE144PGH-B AUK-SHE144PGH-B Datasheet
301Kb / 5P
   High Efficiency LED Lamp
More results


Similar Description - SHE144PGHE

ManufacturerPart #DatasheetDescription
logo
AUK corp
SHE134OF AUK-SHE134OF Datasheet
234Kb / 4P
   Oval Type High Efficiency LED Lamp
SHE155BFE AUK-SHE155BFE Datasheet
247Kb / 4P
   Oval Type High Efficiency LED Lamp
SHE144RE AUK-SHE144RE Datasheet
196Kb / 4P
   Oval Type High Efficiency LED Lamp
SHE155AE AUK-SHE155AE Datasheet
223Kb / 4P
   Oval Type High Efficiency LED Lamp
SHE145PGHE AUK-SHE145PGHE Datasheet
282Kb / 5P
   Oval Type High Efficiency LED Lamp
SHE133OF AUK-SHE133OF Datasheet
234Kb / 4P
   Oval Type High Efficiency LED Lamp
SHE134BGE AUK-SHE134BGE Datasheet
257Kb / 4P
   Oval Type High Efficiency LED Lamp
SHE144MC AUK-SHE144MC Datasheet
199Kb / 4P
   Oval Type High Efficiency LED Lamp
SHE145PGIE AUK-SHE145PGIE Datasheet
221Kb / 4P
   Oval Type High Efficiency LED Lamp
SHE155PGIE AUK-SHE155PGIE Datasheet
251Kb / 4P
   Oval Type High Efficiency LED Lamp
More results




About AUK corp


AUK corp is a Taiwan-based semiconductor company that specializes in the design, development, and manufacturing of discrete semiconductor components, including diodes, transistors, and MOSFETs. The company was founded in 1991 and is headquartered in New Taipei City, Taiwan.

AUK's products are used in a wide range of applications, including automotive, communications, computing, and consumer electronics. The company's product portfolio includes a variety of diodes, such as switching, zener, and Schottky diodes, as well as MOSFETs and bipolar transistors.

AUK is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, AUK is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com