Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

PCIE-1602C-AE Datasheet (PDF) - Advantech Co., Ltd.

PCIE-1602C-AE Datasheet PDF - Advantech Co., Ltd.
Part No. PCIE-1602C-AE
Download  PCIE-1602C-AE Click to view

File Size   3146.63 Kbytes
Page   4 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description NXP ARM® Cortex®-A9 i.MX6 Dual/Quad Mini-ITX Motherboard

PCIE-1602C-AE Datasheet (PDF)

Go To PDF Page Download Datasheet
PCIE-1602C-AE Datasheet PDF - Advantech Co., Ltd.

Part No. PCIE-1602C-AE
Download  PCIE-1602C-AE Click to view

File Size   3146.63 Kbytes
Page   4 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description NXP ARM® Cortex®-A9 i.MX6 Dual/Quad Mini-ITX Motherboard

PCIE-1602C-AE Datasheet (HTML) - Advantech Co., Ltd.

PCIE-1602C-AE Datasheet HTML 1Page - Advantech Co., Ltd. PCIE-1602C-AE Datasheet HTML 2Page - Advantech Co., Ltd. PCIE-1602C-AE Datasheet HTML 3Page - Advantech Co., Ltd. PCIE-1602C-AE Datasheet HTML 4Page - Advantech Co., Ltd.

PCIE-1602C-AE Product details

Features
ƒ NXP ARM® Cortex®-A9 i.MX6 Dual/Quad 1GHz high performance processor
ƒ On board DDR3 1066MHz 1GB/2GB memory and 8GB EMMC NAND flash
ƒ Supports Triple Display: VGA/HDMI/LVDS
ƒ Supports 1 x PCIe, 1 x mini-PCIe, 5 x serial ports, 6 x USB, 1 x M.2 socket,
18 x GPIO, 1 x CAN
ƒ Low power consumption, fanless design
ƒ Supports Linux and Android BSP



Similar Part No. - PCIE-1602C-AE

ManufacturerPart No.DatasheetDescription
Advantech Co., Ltd.
Advantech Co., Ltd.
PCIE-1602C ADVANTECH-PCIE-1602C Datasheet
445Kb / 1P
   2-port RS-232/422/485 PCI Express Communication Card
More results

Similar Description - PCIE-1602C-AE

ManufacturerPart No.DatasheetDescription
Advantech Co., Ltd.
Advantech Co., Ltd.
RSB-3410 ADVANTECH-RSB-3410_V01 Datasheet
3Mb / 4P
   NXP ARM짰 Cortex짰-A9 i.MX6 2.5
7-Jul-2021
RSB-4410 ADVANTECH-RSB-4410_V01 Datasheet
3Mb / 4P
   NXP ARM짰 Cortex짰-A9 i.MX6 3.5
7-Jul-2021
RSB-4411 ADVANTECH-RSB-4411_V01 Datasheet
3Mb / 4P
   NXP ARM짰 Cortex짰-A9 i.MX6 3.5
7-Jul-2021
RSB-3410DL-MDA1E ADVANTECH-RSB-3410DL-MDA1E Datasheet
1Mb / 2P
   NXP ARM짰 Cortex짰-A9 i.MX6 2.5" SBC
EPC-R3430 ADVANTECH-EPC-R3430 Datasheet
769Kb / 2P
   NXP ARM짰 Cortex짰-A9 i.MX6 Dual 1GHz Fanless Box
9-Jun-2020
ROM-5420-B1 ADVANTECH-ROM-5420-B1 Datasheet
699Kb / 2P
   NXP ARM짰 Cortex짰-A9 i.MX6 SMARC v1.1 Module
UBC-DS31 ADVANTECH-UBC-DS31_V01 Datasheet
599Kb / 2P
   NXP ARM짰 Cortex짰-A9 i.MX6 Full HD RISC Signage Box
10-Mar-2016
RSB-4411 ADVANTECH-RSB-4411 Datasheet
726Kb / 2P
   NXP ARM Cortex-A9 i.MX6 3.5" SBC
UBC-220 ADVANTECH-UBC-220_16 Datasheet
584Kb / 2P
   NXP ARM Cortex-A9 i.MX6 2.5' IoT Gateway
UBC-200 ADVANTECH-UBC-200_16 Datasheet
550Kb / 2P
   NXP ARM Cortex-A9 i.MX6 RISC Compact Box Computer
RSB-4410 ADVANTECH-RSB-4410 Datasheet
634Kb / 2P
   Freescale ARM Cortex-A9 i.MX6 SBC
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz