Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS0805ZZ-XXXXWN-2S Datasheet (PDF) - Vishay Barry

RS0805ZZ-XXXXWN-2S Datasheet PDF - Vishay Barry
Part # RS0805ZZ-XXXXWN-2S
Download  RS0805ZZ-XXXXWN-2S Download
File Size   167.14 Kbytes
Page   2 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description 1W AlN Chip Resistor w/ Single-Sided (Flip-Chip) Terminals

RS0805ZZ-XXXXWN-2S Datasheet (PDF)

Go To PDF Page Download Datasheet
RS0805ZZ-XXXXWN-2S Datasheet PDF - Vishay Barry

Part # RS0805ZZ-XXXXWN-2S
Download  RS0805ZZ-XXXXWN-2S Click to download

File Size   167.14 Kbytes
Page   2 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description 1W AlN Chip Resistor w/ Single-Sided (Flip-Chip) Terminals

RS0805ZZ-XXXXWN-2S Datasheet (HTML) - Vishay Barry


RS0805ZZ-XXXXWN-2S Product details

RS0805ZZ-XXXXWN-2S Features:
• Single-Sided (Flip-Chip) Terminal Configuration
• Solder, Epoxy or Wirebondable Terminals
• Customer Defined Testing Available
• RoHS Compliant or SnPb Available
• Non-Magnetic Available
• Tape & Reel (Film Side Down) and
Waffle Pack Available (Standard is bulk)

RS0805ZZ-XXXXWN-2S Parameters:
Resistance Range: 10Ω - 1KΩ
Rated Power:* 1W
Construction: Thick Film on 0.025” AlN
Operating Temperature: -55 to +150°C




Similar Part No. - RS0805ZZ-XXXXWN-2S

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
RS0805ZZ-XXXXWN-2P BARRY-RS0805ZZ-XXXXWN-2P Datasheet
170Kb / 2P
RS0805ZZ-XXXXWN-2P Features:
REV.A JUN 18 2021
RS0805ZZ-XXXXWN-2T BARRY-RS0805ZZ-XXXXWN-2T Datasheet
153Kb / 2P
1W AlN Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 18 2021
More results


Similar Description - RS0805ZZ-XXXXWN-2S

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
RS0805ZZ-XXXXWN-2T BARRY-RS0805ZZ-XXXXWN-2T Datasheet
153Kb / 2P
1W AlN Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 18 2021
RS1206ZZ-XXXXWN-2S BARRY-RS1206ZZ-XXXXWN-2S Datasheet
161Kb / 2P
1.5W AlN Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 29 2021
RS2010ZZ-XXXXWN-2T-02 BARRY-RS2010ZZ-XXXXWN-2T-02 Datasheet
182Kb / 2P
20W AlN Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 29 2021
RS1206ZZ-XXXXWN-2P BARRY-RS1206ZZ-XXXXWN-2P Datasheet
151Kb / 2P
1.5W AlN Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 28 A 2021
RS1206ZZ-XXXXWN-2Q BARRY-RS1206ZZ-XXXXWN-2Q Datasheet
155Kb / 2P
1.5W AlN Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 29 2021
RS0805ZZ-XXXXWN-96 BARRY-RS0805ZZ-XXXXWN-96 Datasheet
161Kb / 2P
1W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 18 2021
RS0805ZZ-XXXXWN-98 BARRY-RS0805ZZ-XXXXWN-98 Datasheet
157Kb / 2P
1W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 18 2021
RS0505ZZ-XXXXWN-96 BARRY-RS0505ZZ-XXXXWN-96 Datasheet
177Kb / 2P
1W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.B JUN 17 2021
RS0505ZZ-XXXXWN-98 BARRY-RS0505ZZ-XXXXWN-98 Datasheet
174Kb / 2P
1W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.B JUN 17 2021
RS0805ZZ-XXXXWN-95 BARRY-RS0805ZZ-XXXXWN-95 Datasheet
153Kb / 2P
1W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 18 2021
More results




About Vishay Barry


Vishay Barry is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.

Vishay Barry specializes in the production of high-precision, thin-film and thick-film resistors, resistor arrays, and specialized passive components for demanding applications in the aerospace, military, and medical industries.

The company is headquartered in Franklin, Kentucky, and has additional locations in Europe and Asia.

Vishay Barry products are designed and manufactured to meet stringent quality and reliability standards, and are used in a wide range of applications including medical equipment, industrial automation systems, and military and aerospace systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com