Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS0805ZZ-XXXXWN-96 Datasheet (PDF) - Vishay Barry

RS0805ZZ-XXXXWN-96 Datasheet PDF - Vishay Barry
Part # RS0805ZZ-XXXXWN-96
Download  RS0805ZZ-XXXXWN-96 Download
File Size   161.61 Kbytes
Page   2 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description 1W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals

RS0805ZZ-XXXXWN-96 Datasheet (PDF)

Go To PDF Page Download Datasheet
RS0805ZZ-XXXXWN-96 Datasheet PDF - Vishay Barry

Part # RS0805ZZ-XXXXWN-96
Download  RS0805ZZ-XXXXWN-96 Click to download

File Size   161.61 Kbytes
Page   2 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description 1W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals

RS0805ZZ-XXXXWN-96 Datasheet (HTML) - Vishay Barry


RS0805ZZ-XXXXWN-96 Product details

RS0805ZZ-XXXXWN-96 Features:
• Single-Sided (Flip-Chip) Terminal Configuration
• Solder, Epoxy or Wirebondable Terminals
• Customer Defined Testing Available
• RoHS Compliant or SnPb Available
• Non-Magnetic Available
• Tape & Reel (Film Side Down) and
Waffle Pack Available (Standard is bulk)

RS0805ZZ-XXXXWN-96 Parameters:
Resistance Range: 0.5Ω - 1MΩ
Rated Power:* 1W
Construction: Thick Film on 0.015” BeO
Operating Temperature: -55 to +150°C




Similar Part No. - RS0805ZZ-XXXXWN-96

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
RS0805ZZ-XXXXWN-90 BARRY-RS0805ZZ-XXXXWN-90 Datasheet
154Kb / 2P
250mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 18 2021
RS0805ZZ-XXXXWN-91 BARRY-RS0805ZZ-XXXXWN-91 Datasheet
162Kb / 2P
250mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 18 2021
RS0805ZZ-XXXXWN-93 BARRY-RS0805ZZ-XXXXWN-93 Datasheet
158Kb / 2P
250mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 18 2021
RS0805ZZ-XXXXWN-95 BARRY-RS0805ZZ-XXXXWN-95 Datasheet
153Kb / 2P
1W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 18 2021
RS0805ZZ-XXXXWN-98 BARRY-RS0805ZZ-XXXXWN-98 Datasheet
157Kb / 2P
1W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 18 2021
More results


Similar Description - RS0805ZZ-XXXXWN-96

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
RS0805ZZ-XXXXWN-98 BARRY-RS0805ZZ-XXXXWN-98 Datasheet
157Kb / 2P
1W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 18 2021
RS0505ZZ-XXXXWN-98 BARRY-RS0505ZZ-XXXXWN-98 Datasheet
174Kb / 2P
1W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.B JUN 17 2021
RS0505ZZ-XXXXWN-96 BARRY-RS0505ZZ-XXXXWN-96 Datasheet
177Kb / 2P
1W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.B JUN 17 2021
RS0805ZZ-XXXXWN-95 BARRY-RS0805ZZ-XXXXWN-95 Datasheet
153Kb / 2P
1W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 18 2021
RS0505ZZ-XXXXWN-95 BARRY-RS0505ZZ-XXXXWN-95 Datasheet
171Kb / 2P
1W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.B JUN 17 2021
RS1206ZZ-XXXXWN-95 BARRY-RS1206ZZ-XXXXWN-95 Datasheet
144Kb / 2P
1.5W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 28 2021
RS1206ZZ-XXXXWN-98 BARRY-RS1206ZZ-XXXXWN-98 Datasheet
147Kb / 2P
1.5W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 28 2021
RS0402ZZ-XXXXWN-95 BARRY-RS0402ZZ-XXXXWN-95 Datasheet
168Kb / 2P
1.5W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.B JUN 16 2021
RS0202ZZ-XXXXWN-95 BARRY-RS0202ZZ-XXXXWN-95 Datasheet
851Kb / 1P
200mW BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 14 2021
RS1206ZZ-XXXXWN-96 BARRY-RS1206ZZ-XXXXWN-96 Datasheet
145Kb / 2P
1.5W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 28 2021
More results




About Vishay Barry


Vishay Barry is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.

Vishay Barry specializes in the production of high-precision, thin-film and thick-film resistors, resistor arrays, and specialized passive components for demanding applications in the aerospace, military, and medical industries.

The company is headquartered in Franklin, Kentucky, and has additional locations in Europe and Asia.

Vishay Barry products are designed and manufactured to meet stringent quality and reliability standards, and are used in a wide range of applications including medical equipment, industrial automation systems, and military and aerospace systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com