Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS1206ZZ-XXXXWN-2Q Datasheet (PDF) - Vishay Barry

RS1206ZZ-XXXXWN-2Q Datasheet PDF - Vishay Barry
Part # RS1206ZZ-XXXXWN-2Q
Download  RS1206ZZ-XXXXWN-2Q Download
File Size   155.66 Kbytes
Page   2 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description 1.5W AlN Chip Resistor w/ Single-Sided (Flip-Chip) Terminals

RS1206ZZ-XXXXWN-2Q Datasheet (PDF)

Go To PDF Page Download Datasheet
RS1206ZZ-XXXXWN-2Q Datasheet PDF - Vishay Barry

Part # RS1206ZZ-XXXXWN-2Q
Download  RS1206ZZ-XXXXWN-2Q Click to download

File Size   155.66 Kbytes
Page   2 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description 1.5W AlN Chip Resistor w/ Single-Sided (Flip-Chip) Terminals

RS1206ZZ-XXXXWN-2Q Datasheet (HTML) - Vishay Barry


RS1206ZZ-XXXXWN-2Q Product details

RS1206ZZ-XXXXWN-2Q Features:
• Single-Sided (Flip-Chip) Terminal Configuration
• Solder, Epoxy or Wirebondable Terminals
• Customer Defined Testing Available
• RoHS Compliant or SnPb Available
• Non-Magnetic Available
• Tape & Reel (Film Side Down) and
Waffle Pack Available (Standard is bulk)

RS1206ZZ-XXXXWN-2Q Parameters:
Resistance Range: 10Ω - 1KΩ
Rated Power:* 1.5W
Construction: Thick Film on 0.015” AlN
Operating Temperature: -55 to +150°C




Similar Part No. - RS1206ZZ-XXXXWN-2Q

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
RS1206ZZ-XXXXWN-2P BARRY-RS1206ZZ-XXXXWN-2P Datasheet
151Kb / 2P
1.5W AlN Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 28 A 2021
RS1206ZZ-XXXXWN-2S BARRY-RS1206ZZ-XXXXWN-2S Datasheet
161Kb / 2P
1.5W AlN Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 29 2021
More results


Similar Description - RS1206ZZ-XXXXWN-2Q

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
RS1206ZZ-XXXXWN-2P BARRY-RS1206ZZ-XXXXWN-2P Datasheet
151Kb / 2P
1.5W AlN Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 28 A 2021
RS1206ZZ-XXXXWN-2S BARRY-RS1206ZZ-XXXXWN-2S Datasheet
161Kb / 2P
1.5W AlN Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 29 2021
RS1206ZZ-XXXXWN-98 BARRY-RS1206ZZ-XXXXWN-98 Datasheet
147Kb / 2P
1.5W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 28 2021
RS0402ZZ-XXXXWN-95 BARRY-RS0402ZZ-XXXXWN-95 Datasheet
168Kb / 2P
1.5W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.B JUN 16 2021
RS0805ZZ-XXXXWN-2T BARRY-RS0805ZZ-XXXXWN-2T Datasheet
153Kb / 2P
1W AlN Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 18 2021
RS0805ZZ-XXXXWN-2S BARRY-RS0805ZZ-XXXXWN-2S Datasheet
167Kb / 2P
1W AlN Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 18 2021
RS2010ZZ-XXXXWN-2T-02 BARRY-RS2010ZZ-XXXXWN-2T-02 Datasheet
182Kb / 2P
20W AlN Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 29 2021
RS1206ZZ-XXXXWN-95 BARRY-RS1206ZZ-XXXXWN-95 Datasheet
144Kb / 2P
1.5W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 28 2021
RS1206ZZ-XXXXWN-96 BARRY-RS1206ZZ-XXXXWN-96 Datasheet
145Kb / 2P
1.5W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 28 2021
RS0202ZZ-XXXXWN-91 BARRY-RS0202ZZ-XXXXWN-91 Datasheet
158Kb / 2P
65mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 15 2021
More results




About Vishay Barry


Vishay Barry is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.

Vishay Barry specializes in the production of high-precision, thin-film and thick-film resistors, resistor arrays, and specialized passive components for demanding applications in the aerospace, military, and medical industries.

The company is headquartered in Franklin, Kentucky, and has additional locations in Europe and Asia.

Vishay Barry products are designed and manufactured to meet stringent quality and reliability standards, and are used in a wide range of applications including medical equipment, industrial automation systems, and military and aerospace systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com