Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS1206ZZ-XXXXWN-93 Datasheet (PDF) - Vishay Barry

RS1206ZZ-XXXXWN-93 Datasheet PDF - Vishay Barry
Part # RS1206ZZ-XXXXWN-93
Download  RS1206ZZ-XXXXWN-93 Download
File Size   148.17 Kbytes
Page   2 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description 350mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals

RS1206ZZ-XXXXWN-93 Datasheet (PDF)

Go To PDF Page Download Datasheet
RS1206ZZ-XXXXWN-93 Datasheet PDF - Vishay Barry

Part # RS1206ZZ-XXXXWN-93
Download  RS1206ZZ-XXXXWN-93 Click to download

File Size   148.17 Kbytes
Page   2 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description 350mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals

RS1206ZZ-XXXXWN-93 Datasheet (HTML) - Vishay Barry


RS1206ZZ-XXXXWN-93 Product details

RS1206ZZ-XXXXWN-93 Features:
• Single-Sided (Flip-Chip) Terminal Configuration
• Solder, Epoxy or Wirebondable Terminals
• Customer Defined Testing Available
• RoHS Compliant or SnPb Available
• Non-Magnetic Available
• Tape & Reel (Film Side Down) and
Waffle Pack Available (Standard is bulk)

RS1206ZZ-XXXXWN-93 Parameters:
Resistance Range: 0.5Ω - 1MΩ
Rated Power:* 350mW
Construction: Thick Film on 0.025” Al2O3
Operating Temperature: -55 to +150°C




Similar Part No. - RS1206ZZ-XXXXWN-93

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
RS1206ZZ-XXXXWN-90 BARRY-RS1206ZZ-XXXXWN-90 Datasheet
145Kb / 2P
350mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 28 2021
RS1206ZZ-XXXXWN-91 BARRY-RS1206ZZ-XXXXWN-91 Datasheet
146Kb / 2P
350mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 28 2021
RS1206ZZ-XXXXWN-95 BARRY-RS1206ZZ-XXXXWN-95 Datasheet
144Kb / 2P
1.5W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 28 2021
RS1206ZZ-XXXXWN-96 BARRY-RS1206ZZ-XXXXWN-96 Datasheet
145Kb / 2P
1.5W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 28 2021
RS1206ZZ-XXXXWN-98 BARRY-RS1206ZZ-XXXXWN-98 Datasheet
147Kb / 2P
1.5W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 28 2021
More results


Similar Description - RS1206ZZ-XXXXWN-93

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
RS1206ZZ-XXXXWN-90 BARRY-RS1206ZZ-XXXXWN-90 Datasheet
145Kb / 2P
350mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 28 2021
RS1206ZZ-XXXXWN-91 BARRY-RS1206ZZ-XXXXWN-91 Datasheet
146Kb / 2P
350mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 28 2021
RS0202ZZ-XXXXWN-91 BARRY-RS0202ZZ-XXXXWN-91 Datasheet
158Kb / 2P
65mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 15 2021
RS0805ZZ-XXXXWN-90 BARRY-RS0805ZZ-XXXXWN-90 Datasheet
154Kb / 2P
250mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 18 2021
RS0202ZZ-XXXXWN-90 BARRY-RS0202ZZ-XXXXWN-90 Datasheet
161Kb / 2P
65mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 14 2021
RS0505ZZ-XXXXWN-91 BARRY-RS0505ZZ-XXXXWN-91 Datasheet
178Kb / 2P
150mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.B JUN 17 2021
RS0505ZZ-XXXXWN-93 BARRY-RS0505ZZ-XXXXWN-93 Datasheet
174Kb / 2P
150mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.B JUN 17 2021
RS0402ZZ-XXXXWN-91 BARRY-RS0402ZZ-XXXXWN-91 Datasheet
160Kb / 2P
50mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.B JUN 16 2021
RS0502ZZ-XXXXWN-90 BARRY-RS0502ZZ-XXXXWN-90 Datasheet
151Kb / 2P
160mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 16 2021
RS0503ZZ-XXXXWN-90 BARRY-RS0503ZZ-XXXXWN-90 Datasheet
160Kb / 2P
150mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 16 2021
More results




About Vishay Barry


Vishay Barry is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.

Vishay Barry specializes in the production of high-precision, thin-film and thick-film resistors, resistor arrays, and specialized passive components for demanding applications in the aerospace, military, and medical industries.

The company is headquartered in Franklin, Kentucky, and has additional locations in Europe and Asia.

Vishay Barry products are designed and manufactured to meet stringent quality and reliability standards, and are used in a wide range of applications including medical equipment, industrial automation systems, and military and aerospace systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com