Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABTH16241A Datasheet (PDF) - NXP Semiconductors

74ABTH16241A Datasheet PDF - NXP Semiconductors
Part # 74ABTH16241A
Download  74ABTH16241A Download

File Size   74.53 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit buffer/driver 3-State

74ABTH16241A Datasheet (PDF)

Go To PDF Page Download Datasheet
74ABTH16241A Datasheet PDF - NXP Semiconductors

Part # 74ABTH16241A
Download  74ABTH16241A Click to download

File Size   74.53 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit buffer/driver 3-State

74ABTH16241A Datasheet (HTML) - NXP Semiconductors

74ABTH16241A Datasheet HTML 1Page - NXP Semiconductors 74ABTH16241A Datasheet HTML 2Page - NXP Semiconductors 74ABTH16241A Datasheet HTML 3Page - NXP Semiconductors 74ABTH16241A Datasheet HTML 4Page - NXP Semiconductors 74ABTH16241A Datasheet HTML 5Page - NXP Semiconductors 74ABTH16241A Datasheet HTML 6Page - NXP Semiconductors 74ABTH16241A Datasheet HTML 7Page - NXP Semiconductors 74ABTH16241A Datasheet HTML 8Page - NXP Semiconductors 74ABTH16241A Datasheet HTML 9Page - NXP Semiconductors 74ABTH16241A Datasheet HTML 10Page - NXP Semiconductors

74ABTH16241A Product details

DESCRIPTION
The 74ABT16241A is a high-performance BiCMOS device which combines low static and dynamic power dissipation with high speed and high output drive.

FEATURES
• 16-bit bus interface
• 3-State buffers
• Output capability: +64mA/-32mA
• TTL input and output switching levels
• Input and output interface capability to systems at 5V supply
• Bus-hold data inputs eliminate the need for external pull-up resistors to hold unused inputs
• Live insertion/extraction permitted
• Power-up 3-State
• 74ABTH16241A incorporates bus hold data inputs which eliminate the need for external pull up resistors to hold unused inputs
• Latch-up protection exceeds 500mA per JEDEC Std 17
• ESD protection exceeds 2000V per MIL STD 883 Method 3015 and 200V per Machine Model




Similar Part No. - 74ABTH16241A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABTH16240A PHILIPS-74ABTH16240A Datasheet
76Kb / 10P
   16-bit inverting buffer/driver 3-State
1998 Feb 25
74ABTH16240ADGG PHILIPS-74ABTH16240ADGG Datasheet
76Kb / 10P
   16-bit inverting buffer/driver 3-State
1998 Feb 25
74ABTH16240ADL PHILIPS-74ABTH16240ADL Datasheet
76Kb / 10P
   16-bit inverting buffer/driver 3-State
1998 Feb 25
74ABTH16244A PHILIPS-74ABTH16244A Datasheet
75Kb / 10P
   16-bit buffer/line driver 3-State
1998 Oct 07
logo
Texas Instruments
74ABTH16244DGGRE4 TI-74ABTH16244DGGRE4 Datasheet
337Kb / 13P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Similar Description - 74ABTH16241A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MB2241 PHILIPS-MB2241 Datasheet
82Kb / 12P
   16-bit buffer/line driver 3-State
1998 Jan 16
74LVCH16541A PHILIPS-74LVCH16541A Datasheet
83Kb / 10P
   16-bit buffer/line driver 3-State
1998 May 19
74ALVT16240 PHILIPS-74ALVT16240 Datasheet
95Kb / 16P
   16-bit inverting buffer/driver; 3-state
Rev. 03-4 July 2005
74LVC16241A PHILIPS-74LVC16241A Datasheet
78Kb / 10P
   16-bit buffer/line driver 3-State
1997 Jul 29
74ABT16244A PHILIPS-74ABT16244A Datasheet
75Kb / 10P
   16-bit buffer/line driver 3-State
1998 Oct 07
MB2244 PHILIPS-MB2244 Datasheet
72Kb / 12P
   16-bit buffer/line driver 3-State
1998 Jan 16
74ABT16541 PHILIPS-74ABT16541 Datasheet
79Kb / 10P
   16-bit buffer/line driver 3-State
1998 Feb 25
logo
Nexperia B.V. All right...
74ABT16244A NEXPERIA-74ABT16244A Datasheet
207Kb / 11P
   16-bit buffer/line driver; 3-state
Rev. 9 - 5 July 2021
logo
NXP Semiconductors
74ABT16240A PHILIPS-74ABT16240A Datasheet
76Kb / 10P
   16-bit inverting buffer/driver 3-State
1998 Feb 25
logo
Nexperia B.V. All right...
74LVCH16541A NEXPERIA-74LVCH16541A Datasheet
217Kb / 12P
   16-bit buffer/line driver; 3-state
Rev. 4 - 1 May 2019
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com