Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

342-104-520-203 Datasheet (PDF) - EDAC, All Rights Reserved.

342-104-520-203 Datasheet PDF - EDAC, All Rights Reserved.
Part # 342-104-520-203
Download  342-104-520-203 Download

File Size   274.07 Kbytes
Page   3 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 342 Series Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot | 0.590" (14.99mm) Insulator Height

342-104-520-203 Datasheet (PDF)

Go To PDF Page Download Datasheet
342-104-520-203 Datasheet PDF - EDAC, All Rights Reserved.

Part # 342-104-520-203
Download  342-104-520-203 Click to download

File Size   274.07 Kbytes
Page   3 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 342 Series Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot | 0.590" (14.99mm) Insulator Height

342-104-520-203 Datasheet (HTML) - EDAC, All Rights Reserved.

342-104-520-203 Datasheet HTML 1Page - EDAC, All Rights Reserved. 342-104-520-203 Datasheet HTML 2Page - EDAC, All Rights Reserved. 342-104-520-203 Datasheet HTML 3Page - EDAC, All Rights Reserved.

342-104-520-203 Product details

Features


  • 100" (2.54mm) Contact Spacing x .200" (5.08mm) Row Spacing

  • Accepts .062" (1.57mm) Nominal Thickness P.C. Board

  • High Profile Insulator Body, .590" (14.99mm)

  • Contact Termination Options include P.C. Tail, Wire Wrap, 90 Degree Bends and Extender Board Bends

  • Single or Dual Row Configurations

  • Variety of Mounting Options, Flush or Offset Lugs

  • Accepts between Contact and In-Contact Polarizing Keys

  • RoHS Compliant & UL Certified




Similar Part No. - 342-104-520-203

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
342-104-520-203 EDAC-342-104-520-203 Datasheet
141Kb / 3P
   342 Series,Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot | 0.590" (14.99mm) Insulator Height
More results





Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com