Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U05B4B48 Datasheet (PDF) - GOOD-ARK Electronics

U05B4B48 Datasheet PDF - GOOD-ARK Electronics
Part # U05B4B48
Download  U05B4B48 Download

File Size   298.39 Kbytes
Page   2 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description Silicon Diffused Type Rectifier Stack

U05B4B48 Datasheet (PDF)

Go To PDF Page Download Datasheet
U05B4B48 Datasheet PDF - GOOD-ARK Electronics

Part # U05B4B48
Download  U05B4B48 Click to download

File Size   298.39 Kbytes
Page   2 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description Silicon Diffused Type Rectifier Stack

U05B4B48 Datasheet (HTML) - GOOD-ARK Electronics

U05B4B48 Datasheet HTML 1Page - GOOD-ARK Electronics U05B4B48 Datasheet HTML 2Page - GOOD-ARK Electronics

U05B4B48 Product details

Reverse Voltage 100 to 600 Volts Forward Current 0.5 Ampere

Features
◆ Single phase bridge rectifier applications.
    - Repetitive peak reverse voltage : VRRM=100~600V
    - Average output rectified current : Io=0.5A (Ta=30oC)




Similar Part No. - U05B4B48

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U050-003 TRIPPLITE-U050-003 Datasheet
155Kb / 2P
   USB 2.0 A to Micro-B Cable (M/M), 3-ft.
U050-003-COIL TRIPPLITE-U050-003-COIL Datasheet
159Kb / 2P
   USB 2.0 A to Micro-B Coiled Cable (M/M), 3 ft.
U050-003-GY-MAX TRIPPLITE-U050-003-GY-MAX Datasheet
180Kb / 3P
   Heavy-Duty USB-A to USB Micro-B Cable - M/M, USB 2.0, UHMWPE and Aramid Fibers, Gray, 3 ft. (0.9 m)
U050-006 TRIPPLITE-U050-006 Datasheet
155Kb / 2P
   USB 2.0 A to Micro-B Cable (M/M), 6-ft.
U050-006-COIL TRIPPLITE-U050-006-COIL Datasheet
159Kb / 2P
   USB 2.0 A to Micro-B Coiled Cable (M/M), 6 ft.
More results


Similar Description - U05B4B48

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1B4B41 TOSHIBA-1B4B41 Datasheet
44Kb / 2P
   SILICON DIFFUSED TYPE RECTIFIER STACK
logo
GOOD-ARK Electronics
05B4B48 GOOD-ARK-05B4B48 Datasheet
258Kb / 2P
   Silicon Diffused Type Rectifier Stack
05GU4B48 GOOD-ARK-05GU4B48 Datasheet
68Kb / 2P
   SILICON DIFFUSED JUNCTION TYPE RECTIFIER STACK
U05GU4B48 GOOD-ARK-U05GU4B48 Datasheet
89Kb / 3P
   SILICON DIFFUSED JUNCTION TYPE RECTIFIER STACK
logo
KEC(Korea Electronics)
F1B2CCI KEC-F1B2CCI Datasheet
246Kb / 2P
   STACK SILICON DIFFUSED DIODE (HIGH SPEED RECTIFIER)
F1B2CC KEC-F1B2CC Datasheet
239Kb / 2P
   STACK SILICON DIFFUSED DIODE (HIGH SPEED RECTIFIER)
E35A2CPS KEC-E35A2CPS Datasheet
65Kb / 1P
   STACK SILICON DIFFUSED DIODE
E35A27VBS KEC-E35A27VBS_15 Datasheet
199Kb / 1P
   STACK SILICON DIFFUSED DIODE
E25A2CS KEC-E25A2CS_15 Datasheet
448Kb / 2P
   STACK SILICON DIFFUSED DIODE
E35A2CR KEC-E35A2CR_15 Datasheet
93Kb / 2P
   STACK SILICON DIFFUSED DIODE
More results




About GOOD-ARK Electronics


GOOD-ARK Electronics is a multinational company based in Taiwan that specializes in the design, development, and production of diodes, rectifiers, and transient voltage suppressors (TVS) for various applications. The company was founded in 1990 and has since expanded globally, with subsidiaries and sales offices in Asia, Europe, and the Americas.

GOOD-ARK Electronics' product portfolio includes a wide range of diodes, including standard, high-voltage, high-current, and ultrafast types, as well as TVS devices for ESD and surge protection. The company's products are used in various industries, such as automotive, consumer electronics, telecommunications, and industrial automation.

GOOD-ARK Electronics is committed to quality, reliability, and innovation, and it has obtained numerous certifications, such as ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and stringent quality control processes ensure that its products meet the highest standards of performance and reliability.

GOOD-ARK Electronics is recognized as one of the leading diode manufacturers in the world, with a strong reputation for providing high-quality and cost-effective solutions to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com