Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB2924FG Datasheet (PDF) - Toshiba Semiconductor

TB2924FG Datasheet PDF - Toshiba Semiconductor
Part # TB2924FG
Download  TB2924FG Download

File Size   534.31 Kbytes
Page   16 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Class D, 20 W 횞 2-channel (BTL) Low-Frequency Power Amplifier IC

TB2924FG Datasheet (PDF)

Go To PDF Page Download Datasheet
TB2924FG Datasheet PDF - Toshiba Semiconductor

Part # TB2924FG
Download  TB2924FG Click to download

File Size   534.31 Kbytes
Page   16 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Class D, 20 W 횞 2-channel (BTL) Low-Frequency Power Amplifier IC

TB2924FG Datasheet (HTML) - Toshiba Semiconductor

Back Button TB2924FG Datasheet HTML 1Page - Toshiba Semiconductor TB2924FG Datasheet HTML 2Page - Toshiba Semiconductor TB2924FG Datasheet HTML 3Page - Toshiba Semiconductor TB2924FG Datasheet HTML 4Page - Toshiba Semiconductor TB2924FG Datasheet HTML 5Page - Toshiba Semiconductor TB2924FG Datasheet HTML 6Page - Toshiba Semiconductor TB2924FG Datasheet HTML 7Page - Toshiba Semiconductor TB2924FG Datasheet HTML 8Page - Toshiba Semiconductor TB2924FG Datasheet HTML 9Page - Toshiba Semiconductor TB2924FG Datasheet HTML 10Page - Toshiba Semiconductor Next Button 

TB2924FG Product details

The TB2924FG is an audio output IC that employs the highly efficient class D method, developed for TV and home audio applications.

The TB2924FG eliminates the need for heatsink(Note), thus allowing the design of an end product with a small footprint. It also incorporates a range of features, such as standby and muting, as well as different protective circuits.



Features

• Output: POUT = 13 W × 2ch (typ.) BTL

              VCC = 12 V, RL = 4 Ω, THD = 10%, f = 1 kHz

            POUT = 7.5 W × 2ch (typ.) BTL

           VCC = 12 V, RL = 8 Ω, THD = 10%, f = 1 kHz

           POUT = 19.5 W × 2ch (typ.) BTL

           VCC = 15 V, RL = 4 Ω, THD = 10%, f = 1 kHz

            POUT = 21 W × 2ch (typ.) BTL

           VCC = 20 V, RL = 8 Ω, THD = 10%, f = 1 kHz

• High efficiency: When output is 10 W η = 88% (VCC = 15 V, RL = 8 Ω)

• Distortion: 0.1% (1 W output, f = 1 kHz)

• Gain: 34dB (typ.)

• Small flat package: HSOP36-P-450-0.65

• Muting/standby features

• Thermal AGC features

• Master and slave oscillation frequencies

• Oscillation frequency: fsw = 200 kHz (typ.)

• Operating supply voltage range: VCC (opr) = 11 V to 18V (Topr = 0°C to 75°C), (4 Ω) VCC (opr) = 11.4 V to 18 V (Topr = −20°C to 75°C)

• Operating supply voltage range: VCC (opr) = 11 V to 20V (Topr = 0°C to 75°C), (8 Ω) VCC (opr) = 11.4 V to 20 V (Topr = −20°C to 75°C)

• Protective circuits: thermal shutdown, short-circuit protection (load)




Similar Part No. - TB2924FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2924AFG TOSHIBA-TB2924AFG Datasheet
774Kb / 16P
   Class D, 20 W × 2-channel (BTL) Low-Frequency Power Amplifier IC
2007-01-26
More results


Similar Description - TB2924FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2924AFG TOSHIBA-TB2924AFG Datasheet
774Kb / 16P
   Class D, 20 W × 2-channel (BTL) Low-Frequency Power Amplifier IC
2007-01-26
logo
NXP Semiconductors
TDA8954 NXP-TDA8954 Datasheet
439Kb / 46P
   2 횞 210 W class-D power amplifier
Rev. 01-24 December 2009
TDA8953 PHILIPS-TDA8953_15 Datasheet
756Kb / 46P
   2 횞 210 W class-D power amplifier
Rev. 01-24 December 2009
TDA8954 PHILIPS-TDA8954_15 Datasheet
439Kb / 46P
   2 횞 210 W class-D power amplifier
Rev. 01-24 December 2009
logo
STMicroelectronics
TDA7491HV STMICROELECTRONICS-TDA7491HV Datasheet
933Kb / 26P
   20 W 20 W dual BTL class-D audio amplifier
logo
Hitachi Semiconductor
HA13158A HITACHI-HA13158A Datasheet
85Kb / 15P
   34 W 횞 4-Channel BTL Power IC
HA13159 HITACHI-HA13159 Datasheet
85Kb / 15P
   37 W 횞 4-Channel BTL Power IC
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V_10 Datasheet
481Kb / 24P
   Class-D Audio Power Amplifier BTL 15W 횞 2ch
logo
NXP Semiconductors
TDA1517ATW NXP-TDA1517ATW Datasheet
542Kb / 19P
   8 W BTL or 2 횞 4 W SE power amplifier
2001 Apr 17
logo
Sanyo Semicon Device
STK402-030 SANYO-STK402-030 Datasheet
62Kb / 5P
   Two-Channel Class AB Audio Power Amplifier IC 20 W 20 W
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com