Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

396-086-560-204 Datasheet (PDF) - EDAC, All Rights Reserved.

396-086-560-204 Datasheet PDF - EDAC, All Rights Reserved.
Part # 396-086-560-204
Download  396-086-560-204 Download

File Size   276.4 Kbytes
Page   3 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 396 Series Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing | 0.600" (15.24mm) Insulator Height

396-086-560-204 Datasheet (PDF)

Go To PDF Page Download Datasheet
396-086-560-204 Datasheet PDF - EDAC, All Rights Reserved.

Part # 396-086-560-204
Download  396-086-560-204 Click to download

File Size   276.4 Kbytes
Page   3 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 396 Series Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing | 0.600" (15.24mm) Insulator Height

396-086-560-204 Datasheet (HTML) - EDAC, All Rights Reserved.


396-086-560-204 Product details

Features


  • .125" (3.175mm) Contact Spacing x .250" (6.35mm) Row Spacing

  • Accepts .062" (1.57mm) Nominal Thickness P.C. Board

  • High Profile Insulator Body, .600" (15.24mm)

  • Contact Termination Options include P.C. Tail, Wire Wrap, 90 Degree Bends and Extender Board Bends

  • Single or Dual Row Configurations

  • Large Variety of Mounting Options, Flush or Offset Lugs

  • Accepts between Contact and In-Contact Polarizing Keys

  • Pre-assembled Card Guides are available

  • Automatic Wire Wrap Positioning Holes

  • RoHS Compliant & UL Certified




Similar Part No. - 396-086-560-204

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
396-005-500-101 EDAC-396-005-500-101 Datasheet
298Kb / 3P
   Card Edge Connectors 0.125” (3.175mm) Pitch
396-005-500-102 EDAC-396-005-500-102 Datasheet
298Kb / 3P
   Card Edge Connectors 0.125” (3.175mm) Pitch
396-005-500-103 EDAC-396-005-500-103 Datasheet
298Kb / 3P
   Card Edge Connectors 0.125” (3.175mm) Pitch
396-005-500-104 EDAC-396-005-500-104 Datasheet
298Kb / 3P
   Card Edge Connectors 0.125” (3.175mm) Pitch
396-005-500-107 EDAC-396-005-500-107 Datasheet
298Kb / 3P
   Card Edge Connectors 0.125” (3.175mm) Pitch
More results





Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com