Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS62WV1288ALL Datasheet (PDF) - Integrated Silicon Solution, Inc

IS62WV1288ALL Datasheet PDF - Integrated Silicon Solution, Inc
Part # IS62WV1288ALL
Download  IS62WV1288ALL Download

File Size   111.31 Kbytes
Page   15 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM

IS62WV1288ALL Datasheet (PDF)

Go To PDF Page Download Datasheet
IS62WV1288ALL Datasheet PDF - Integrated Silicon Solution, Inc

Part # IS62WV1288ALL
Download  IS62WV1288ALL Click to download

File Size   111.31 Kbytes
Page   15 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM

IS62WV1288ALL Datasheet (HTML) - Integrated Silicon Solution, Inc

Back Button IS62WV1288ALL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS62WV1288ALL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS62WV1288ALL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS62WV1288ALL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS62WV1288ALL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS62WV1288ALL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS62WV1288ALL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS62WV1288ALL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS62WV1288ALL Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS62WV1288ALL Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button 

IS62WV1288ALL Product details

DESCRIPTION
The ISSI IS62WV1288ALL / IS62WV1288BLL are highspeed, 1M bit static RAMs organized as 128K words by 8 bits. It is fabricated using ISSIs high-performance CMOS technology. This highly reliable process coupled with innovative circuit design techniques, yields high performance and low power consumption devices.

FEATURES
• High-speed access time: 45ns, 55ns, 70ns
• CMOS low power operation:
    30 mW (typical) operating
    15 µW (typical) CMOS standby
• TTL compatible interface levels
• Single power supply:
    1.65V--2.2V VDD (62WV1288ALL)
    2.5V--3.6V VDD (62WV1288BLL)
• Fully static operation: no clock or refresh required
• Three state outputs
• Industrial temperature available
• Lead-free available




Similar Part No. - IS62WV1288ALL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62WV1288DALL ISSI-IS62WV1288DALL Datasheet
468Kb / 16P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV1288DALL/DBLL ISSI-IS62WV1288DALL/DBLL Datasheet
468Kb / 16P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results


Similar Description - IS62WV1288ALL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62WV1288DALL ISSI-IS62WV1288DALL Datasheet
468Kb / 16P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P3C1024L PYRAMID-P3C1024L Datasheet
114Kb / 10P
   ULTRA LOW POWER 128K x 8 CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62LV12816L ICSI-IS62LV12816L Datasheet
462Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV12816ALL ISSI-IS62WV12816ALL Datasheet
112Kb / 17P
   128K x 16 LOW VOLTAGE ULTRA LOW POWER CMOS STATIC RAM
IS65WV12816ALL ISSI-IS65WV12816ALL Datasheet
133Kb / 19P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A_04 Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024L PYRAMID-P4C1024L Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62LV12816BLL ISSI-IS62LV12816BLL Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV12816DALL ISSI-IS62WV12816DALL Datasheet
429Kb / 17P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com