Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQM120P04-04L Datasheet (PDF) - Vishay Siliconix

SQM120P04-04L Datasheet PDF - Vishay Siliconix
Part # SQM120P04-04L
Download  SQM120P04-04L Download

File Size   164.96 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive P-Channel 40 V (D-S) 175 °C MOSFET

SQM120P04-04L Datasheet (PDF)

Go To PDF Page Download Datasheet
SQM120P04-04L Datasheet PDF - Vishay Siliconix

Part # SQM120P04-04L
Download  SQM120P04-04L Click to download

File Size   164.96 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive P-Channel 40 V (D-S) 175 °C MOSFET

SQM120P04-04L Datasheet (HTML) - Vishay Siliconix

SQM120P04-04L Datasheet HTML 1Page - Vishay Siliconix SQM120P04-04L Datasheet HTML 2Page - Vishay Siliconix SQM120P04-04L Datasheet HTML 3Page - Vishay Siliconix SQM120P04-04L Datasheet HTML 4Page - Vishay Siliconix SQM120P04-04L Datasheet HTML 5Page - Vishay Siliconix SQM120P04-04L Datasheet HTML 6Page - Vishay Siliconix SQM120P04-04L Datasheet HTML 7Page - Vishay Siliconix SQM120P04-04L Datasheet HTML 8Page - Vishay Siliconix SQM120P04-04L Datasheet HTML 9Page - Vishay Siliconix

SQM120P04-04L Product details

FEATURES
• Halogen-free According to IEC
61249-2-21 Definition
• TrenchFET® Power MOSFET
• Package with Low Thermal Resistance
• AEC-Q101 Qualifiedd
• 100 % Rg and UIS Tested
• Compliant to RoHS Directive 2002/95/EC




Similar Part No. - SQM120P04-04L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM120P04-04L VISHAY-SQM120P04-04L Datasheet
220Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 14-Dec-15
SQM120P04-04L VISHAY-SQM120P04-04L Datasheet
215Kb / 9P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 14-Dec-15
SQM120P04-04L VISHAY-SQM120P04-04L Datasheet
223Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 18-Apr-16
SQM120P04-04L VISHAY-SQM120P04-04L Datasheet
165Kb / 9P
   Automotive P-Channel 40 V (D-S) 175 째C MOSFET
SQM120P04-04L VISHAY-SQM120P04-04L Datasheet
165Kb / 9P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2022
More results


Similar Description - SQM120P04-04L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ2319ES VISHAY-SQ2319ES Datasheet
224Kb / 10P
   Automotive P-Channel 40 V (D-S) 175 C MOSFET
Rev. C, 07-Nov-11
SQM40031EL VISHAY-SQM40031EL Datasheet
173Kb / 6P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 23-Jan-17
SQD50P04-13L VISHAY-SQD50P04-13L_15 Datasheet
169Kb / 11P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. D, 29-Dec-14
SQS415ENW VISHAY-SQS415ENW_V02 Datasheet
249Kb / 9P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQM50P04-09L VISHAY-SQM50P04-09L_V01 Datasheet
161Kb / 9P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ4401CEY VISHAY-SQ4401CEY_V01 Datasheet
157Kb / 6P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ2389ES VISHAY-SQ2389ES Datasheet
277Kb / 11P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 02-Feb-15
SQS401EN VISHAY-SQS401EN_15 Datasheet
1Mb / 14P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. C, 31-Oct-11
SQ4401EY VISHAY-SQ4401EY Datasheet
255Kb / 10P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. B, 31-Oct-11
SQM120P04-04L VISHAY-SQM120P04-04L_V01 Datasheet
165Kb / 9P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com