Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXBM5408Q Datasheet (PDF) - Diodes Incorporated

ZXBM5408Q Datasheet PDF - Diodes Incorporated
Part # ZXBM5408Q
Download  ZXBM5408Q Download
File Size   1187.51 Kbytes
Page   16 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description BRUSHED DC MOTOR DRIVER WITH SERVO CONTROL

ZXBM5408Q Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXBM5408Q Datasheet PDF - Diodes Incorporated

Part # ZXBM5408Q
Download  ZXBM5408Q Click to download

File Size   1187.51 Kbytes
Page   16 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description BRUSHED DC MOTOR DRIVER WITH SERVO CONTROL

ZXBM5408Q Datasheet (HTML) - Diodes Incorporated


ZXBM5408Q Product details

Features
• Servo DC Motor Drive
• Wide Operating Voltage Range: 8V to 18V
• Built-In H-Bridge with Low RDSON Resistance
• Output Drive Current capability of 0.8A (Peak Current of 1.5A)
• Fault Protection—RANGE Short to GND, Supply or Broken Wires
• Overvoltage and Undervoltage Shutdown
• Overcurrent Protection
• Thermal Protection
• Green Molding in PDIP-8 (Type A1) and SO-14 (Type A1)
packages
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• The ZXBM5408Q is suitable for automotive applications
requiring specific change control; this part is AEC-Q100
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.

Applications
• Automotive Headlight Position Servo Motor
• 8V/12V/18V Servo DC Motors




Similar Part No. - ZXBM5408Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXBM5409Q DIODES-ZXBM5409Q Datasheet
399Kb / 14P
BRUSHED DC MOTOR DRIVER WITH SERVO CONTROL
April 2019 Rev. 3 - 2
ZXBM5409Q-N-U DIODES-ZXBM5409Q-N-U Datasheet
399Kb / 14P
BRUSHED DC MOTOR DRIVER WITH SERVO CONTROL
April 2019 Rev. 3 - 2
More results


Similar Description - ZXBM5408Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXBM5409Q DIODES-ZXBM5409Q Datasheet
399Kb / 14P
BRUSHED DC MOTOR DRIVER WITH SERVO CONTROL
April 2019 Rev. 3 - 2
logo
Allegro MicroSystems
STA6940M ALLEGRO-STA6940M Datasheet
490Kb / 19P
Brushed DC Motor Driver IC With PWM Control
logo
Texas Instruments
DRV8872 TI1-DRV8872_16 Datasheet
1Mb / 25P
Brushed DC Motor Driver With Fault Reporting (PWM Control)
DRV8870 TI1-DRV8870_16 Datasheet
1Mb / 25P
Brushed DC Motor Driver
DRV8871 TI1-DRV8871_16 Datasheet
1Mb / 25P
Brushed DC Motor Driver With Internal Current Sense (PWM Control)
logo
Princeton Technology Co...
PT2470 PTC-PT2470 Datasheet
308Kb / 4P
3.6-A Brushed DC Motor Driver (PWM Control)
logo
Texas Instruments
DRV8870 TI-DRV8870_15 Datasheet
1Mb / 25P
DRV8870 3.6-A Brushed DC Motor Driver (PWM Control)
MDL-BDC TI-MDL-BDC Datasheet
207Kb / 1P
Stellaris짰 Brushed DC Motor Control Module with CAN
DRV8871-Q1 TI1-DRV8871-Q1 Datasheet
728Kb / 23P
3.6-A Brushed DC Motor Driver With Internal Current Sense (PWM Control)
DRV8872 TI-DRV8872_15 Datasheet
1Mb / 25P
DRV8872 3.6-A Brushed DC Motor Driver With Fault Reporting (PWM Control)
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com