Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS3K-2405SZ/H3 Datasheet (PDF) - Recom International Power

RS3K-2405SZ/H3 Datasheet PDF - Recom International Power
Part # RS3K-2405SZ/H3
Download  RS3K-2405SZ/H3 Download
File Size   2098.56 Kbytes
Page   4 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 3 Watt SIP8 Single Output

RS3K-2405SZ/H3 Datasheet (PDF)

Go To PDF Page Download Datasheet
RS3K-2405SZ/H3 Datasheet PDF - Recom International Power

Part # RS3K-2405SZ/H3
Download  RS3K-2405SZ/H3 Click to download

File Size   2098.56 Kbytes
Page   4 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 3 Watt SIP8 Single Output

RS3K-2405SZ/H3 Datasheet (HTML) - Recom International Power


RS3K-2405SZ/H3 Product details

Description
The RS3K-Z series is a state-of-the-art DC/DC converter with a wide 4:1 input voltage range from 9 to 36 VDC, ensuring reliable performance in a wide range of applications. The RS3K-Z is also equipped with an ON/OFF control, allowing for quick and easy power management. High accuracy and tight line and load regulation ensure that the device operates stably even under challenging conditions. It is also equipped with continuous short circuit protection and undervoltage lockout (UVLO) for added safety. With IEC/EN/UL 62368-1 certification, 3W maximum output power, 0% minimum load, and high 86% typical efficiency, the RS3K-Z is an excellent choice for industrial applications. The device is designed to operate within an industrial temperature range of -40°C to 80°C without derating.

Features
• 4:1 wide input voltage range
• SIP8 package
• Continuous short circuit protection
• No minimum load required
• 3kVDC/1min basic isolation
• 86% typical efficiency




Similar Part No. - RS3K-2405SZ/H3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RS3K-E3 VISHAY-RS3K-E3 Datasheet
84Kb / 4P
Surface Mount Fast Switching Rectifier
25-Apr-14
logo
Taiwan Semiconductor Co...
RS3K-K TSC-RS3K-K Datasheet
315Kb / 6P
3A, 50V - 1000V Surface Mount Fast Recovery Rectifier
logo
DONGGUAN YOU FENG WEI E...
RS3K-SMC YFWDIODE-RS3K-SMC Datasheet
99Kb / 2P
Fast Recovery rectifiers
More results


Similar Description - RS3K-2405SZ/H3

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RS-053.3 RECOM-RS-053.3 Datasheet
97Kb / 3P
2 Watt SIP8 Isolated Single & Dual Output
RS-053.3S RECOM-RS-053.3S Datasheet
93Kb / 3P
2 Watt SIP8 Isolated Single & Dual Output
RS3-053.3S RECOM-RS3-053.3S Datasheet
82Kb / 3P
3 Watt SIP8 Isolated Single & Dual Output
RSO-053.3S RECOM-RSO-053.3S Datasheet
91Kb / 3P
1 Watt SIP8 Isolated Single & Dual Output
R05TR244872 RECOM-R05TR244872_06 Datasheet
96Kb / 3P
3 Watt SIP8 Triple Output
RS3 RECOM-RS3_10 Datasheet
120Kb / 3P
3 Watt SIP8 Isolated Single & Dual Output
RSO RECOM-RSO_10 Datasheet
121Kb / 3P
1 Watt SIP8 Isolated Single & Dual Output
logo
List of Unclassifed Man...
RS-2405SZ ETC2-RS-2405SZ Datasheet
116Kb / 3P
2 Watt SIP8 Isolated Single Dual Output
logo
Recom International Pow...
RSK-RUW RECOM-RSK-RUW Datasheet
1Mb / 4P
2 Watt SIP8 Single Output
REV.: 0/2023
RSOK-Z RECOM-RSOK-Z Datasheet
1Mb / 4P
1 Watt SIP8 Single Output
REV.: 0/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com