Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEL15 Datasheet (PDF) - TRACO Electronic AG

TEL15 Datasheet PDF - TRACO Electronic AG
Part # TEL15
Download  TEL15 Download
File Size   240.98 Kbytes
Page   3 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converters TEL 15 Series, 15 Watt

TEL15 Datasheet (PDF)

Go To PDF Page Download Datasheet
TEL15 Datasheet PDF - TRACO Electronic AG

Part # TEL15
Download  TEL15 Click to download

File Size   240.98 Kbytes
Page   3 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converters TEL 15 Series, 15 Watt

TEL15 Datasheet (HTML) - TRACO Electronic AG


TEL15 Product details

Features
u High efficiency up to 86 %
u Operating temperature range
–40°C to +80°C
u Indefinite short-circuit protection
u I/O isolation 1500 VDC
u Industry standard pinout
u Cost optimized design
u Lead free design, RoHS compliant
u 3-year product warranty




Similar Part No. - TEL15

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEL15-1211N TRACOPOWER-TEL15-1211N Datasheet
1Mb / 4P
TEL 15N Series, 15 Watt
Rev. November 30, 2022
TEL15-1211N-HS TRACOPOWER-TEL15-1211N-HS Datasheet
1Mb / 4P
TEL 15N-HS Series, 15 Watt
Rev. November 30, 2022
TEL15-1212N TRACOPOWER-TEL15-1212N Datasheet
1Mb / 4P
TEL 15N Series, 15 Watt
Rev. November 30, 2022
TEL15-1212N-HS TRACOPOWER-TEL15-1212N-HS Datasheet
1Mb / 4P
TEL 15N-HS Series, 15 Watt
Rev. November 30, 2022
TEL15-1213N TRACOPOWER-TEL15-1213N Datasheet
1Mb / 4P
TEL 15N Series, 15 Watt
Rev. November 30, 2022
More results


Similar Description - TEL15

ManufacturerPart #DatasheetDescription
logo
Power-One
IMS15 POWER-ONE-IMS15 Datasheet
151Kb / 4P
15 Watt DC-DC Converters
IMX15-25 POWER-ONE-IMX15-25 Datasheet
132Kb / 4P
15 Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
15 Watt DC-DC Converters
logo
List of Unclassifed Man...
UM600 ETC1-UM600 Datasheet
25Kb / 2P
15 Watt DC-DC Converters
logo
AIMTEC
AM15E AIMTEC-AM15E Datasheet
267Kb / 3P
15 watt dc-dc converters
AM15E-C AIMTEC-AM15E-C Datasheet
288Kb / 2P
15 watt dc-dc converters
AM15EW-C AIMTEC-AM15EW-C Datasheet
288Kb / 2P
15 watt dc-dc converters
logo
Bel Fuse Inc.
IMX15 BEL-IMX15 Datasheet
1Mb / 19P
15 Watt DC-DC Converters
logo
TRACO Electronic AG
TEN15 TRACOPOWER-TEN15 Datasheet
395Kb / 4P
DC/DC Converters TEN 15 Series, 15 Watt
Rev. May 7, 2021
TON15 TRACOPOWER-TON15 Datasheet
220Kb / 3P
DC/DC Converters TON 15 Series, 15 Watt
Rev. March 9, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com