Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F120 Datasheet (PDF) - Silicon Laboratories

C8051F120 Datasheet PDF - Silicon Laboratories
Part # C8051F120_V01
Download  C8051F120 Download
File Size   6179.15 Kbytes
Page   350 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description 8K ISP FLASH MCU Family

C8051F120 Datasheet (PDF)

Go To PDF Page Download Datasheet
C8051F120 Datasheet PDF - Silicon Laboratories

Part # C8051F120_V01
Download  C8051F120 Click to download

File Size   6179.15 Kbytes
Page   350 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description 8K ISP FLASH MCU Family

C8051F120 Datasheet (HTML) - Silicon Laboratories


C8051F120 Product details

Analog Peripherals
- 10 or 12-bit SAR ADC
• ± 1 LSB INL
• Programmable throughput up to 100 ksps
• Up to 8 external inputs; programmable as singleended
or differential
• Programmable amplifier gain: 16, 8, 4, 2, 1, 0.5
• Data-dependent windowed interrupt generator
• Built-in temperature sensor
- 8-bit SAR ADC (‘F12x Only)
• Programmable throughput up to 500 ksps
• 8 external inputs (single-ended or differential)
• Programmable amplifier gain: 4, 2, 1, 0.5
- Two 12-bit DACs (‘F12x Only)
• Can synchronize outputs to timers for jitter-free waveform
generation
- Two Analog Comparators
- Voltage Reference
- VDD Monitor/Brown-Out Detector
On-Chip JTAG Debug & Boundary Scan
- On-chip debug circuitry facilitates full-speed, nonintrusive
in-circuit/in-system debugging
- Provides breakpoints, single-stepping, watchpoints,
stack monitor; inspect/modify memory and registers
- Superior performance to emulation systems using
ICE-chips, target pods, and sockets
- IEEE1149.1 compliant boundary scan
- Complete development kit
100-Pin TQFP or 64-Pin TQFP Packaging
- Temperature Range: –40 to +85 °C
- RoHS Available
High Speed 8051 μC Core
- Pipelined instruction architecture; executes 70% of
instruction set in 1 or 2 system clocks
- 100 MIPS or 50 MIPS throughput with on-chip PLL
- 2-cycle 16 x 16 MAC engine (C8051F120/1/2/3 and
C8051F130/1/2/3 only)
Memory
- 8448 bytes internal data RAM (8 k + 256)
- 128 or 64 kB Banked Flash; in-system programmable
in 1024-byte sectors
- External 64 kB data memory interface (programmable
multiplexed or non-multiplexed modes)
Digital Peripherals
- 8 byte-wide port I/O (100TQFP); 5 V tolerant
- 4 Byte-wide port I/O (64TQFP); 5 V tolerant
- Hardware SMBus™ (I2C™ Compatible), SPI™, and
two UART serial ports available concurrently
- Programmable 16-bit counter/timer array with
6 capture/compare modules
- 5 general purpose 16-bit counter/timers
- Dedicated watchdog timer; bi-directional reset pin
Clock Sources
- Internal precision oscillator: 24.5 MHz
- Flexible PLL technology
- External Oscillator: Crystal, RC, C, or clock
Voltage Supples
- Range: 2.7–3.6 V (50 MIPS) 3.0–3.6 V (100 MIPS)
- Power saving sleep and shutdown modes




Similar Part No. - C8051F120_V01

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F120-GQ SILABS-C8051F120-GQ Datasheet
1Mb / 350P
Mixed Signal ISP Flash MCU Family
C8051F120-GQR SILABS-C8051F120-GQR Datasheet
1Mb / 350P
Mixed Signal ISP Flash MCU Family
More results


Similar Description - C8051F120_V01

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F02X SILABS-C8051F02X Datasheet
4Mb / 272P
8K ISP FLASH MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
Mixed Signal ISP Flash MCU Family
C8051F021-GQR SILABS-C8051F021-GQR Datasheet
1Mb / 272P
8K ISP FLASH MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
Mixed Signal ISP Flash MCU Family
C8051F040 SILABS-C8051F040_V01 Datasheet
5Mb / 320P
8K ISP FLASH MCU Family
Rev. 1.7
C8051F060 SILABS-C8051F060_V01 Datasheet
5Mb / 330P
8K ISP FLASH MCU Family
Rev. 1.3
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com