Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS62LV1288LL Datasheet (PDF) - Integrated Silicon Solution, Inc

IS62LV1288LL Datasheet PDF - Integrated Silicon Solution, Inc
Part # IS62LV1288LL
Download  IS62LV1288LL Download

File Size   77.31 Kbytes
Page   10 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 128K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM

IS62LV1288LL Datasheet (PDF)

Go To PDF Page Download Datasheet
IS62LV1288LL Datasheet PDF - Integrated Silicon Solution, Inc

Part # IS62LV1288LL
Download  IS62LV1288LL Click to download

File Size   77.31 Kbytes
Page   10 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 128K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM

IS62LV1288LL Datasheet (HTML) - Integrated Silicon Solution, Inc

IS62LV1288LL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS62LV1288LL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS62LV1288LL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS62LV1288LL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS62LV1288LL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS62LV1288LL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS62LV1288LL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS62LV1288LL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS62LV1288LL Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS62LV1288LL Datasheet HTML 10Page - Integrated Silicon Solution, Inc

IS62LV1288LL Product details

DESCRIPTION
The ISSI IS62LV1288LL is a low power and low Vcc,131,072-word by 8-bit CMOS static RAM. It is fabricated using ISSIs high-performance CMOS technology. This highly reliable process coupled with innovative circuit design techniques, yields higher performance and low power consumption devices.

FEATURES
• Access times of 45, 55, and 70 ns
• Low active power: 60 mW (typical)
• Low standby power: 15 µW (typical) CMOS standby
• Low data retention voltage: 2V (min.)
• Ultra Low Power
• Output Enable (OE) and two Chip Enable (CE1 and CE2) inputs for ease in applications
• TTL compatible inputs and outputs
• Single 2.5V (min.) to 3.45V (max.) power supply
• Industrial temperature available
• Available in 32-pin TSOP (Type I), 32-pin STSOP, and 450-mil SOP




Similar Part No. - IS62LV1288LL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62LV12816BLL ISSI-IS62LV12816BLL Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL-10B ISSI-IS62LV12816BLL-10B Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL-10BI ISSI-IS62LV12816BLL-10BI Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL-10T ISSI-IS62LV12816BLL-10T Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL-10TI ISSI-IS62LV12816BLL-10TI Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results


Similar Description - IS62LV1288LL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62LV2568LL ISSI-IS62LV2568LL Datasheet
62Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV5128LL ISSI-IS62LV5128LL Datasheet
61Kb / 10P
   512K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62LV2568L ICSI-IS62LV2568L Datasheet
455Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IC62LV2568L ICSI-IC62LV2568L Datasheet
133Kb / 10P
   256K x 8 LOW POWER AND LOW Vcc CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15M1024A TMT-T15M1024A_04 Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024L PYRAMID-P4C1024L Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C1024AL-35QLI-TR ETC2-IS62C1024AL-35QLI-TR Datasheet
313Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C1024L ICSI-IC62C1024L Datasheet
123Kb / 8P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
62C1024L ISSI-62C1024L Datasheet
65Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com