Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM103+ Datasheet (PDF) - C-Media Electronics

CM103+ Datasheet PDF - C-Media Electronics
Part # CM103+
Download  CM103+ Download
File Size   285.0 Kbytes
Page   25 Pages
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics
Description 16-Bit Stereo USB Audio Controller

CM103+ Datasheet (PDF)

Go To PDF Page Download Datasheet
CM103+ Datasheet PDF - C-Media Electronics

Part # CM103+
Download  CM103+ Click to download

File Size   285.0 Kbytes
Page   25 Pages
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics
Description 16-Bit Stereo USB Audio Controller

CM103+ Datasheet (HTML) - C-Media Electronics


CM103+ Product details

DESCRIPTIONS AND OVERVIEW
CM103+ is a highly integrated single chip for USB digital control speaker application. It is a truly plug-and-play USB audio device and provided high quality digital sound playback. This one chip solution not only embedded USB transceiver, ADC, DAC component but also integrated digital control power amplifier function for USB digital sound application. Minimum external components are needed for building a high-end 2CH USB speaker system, which makes CM103+ a simple and very cost-effective solution. Since no driver is necessary for audio playback on all major OS.

FEATURES
● USB 2.0 Full Speed Compatible and USB IF certification
● USB Audio Devices Class Specification Ver1.0 Compatible
● USB Bus Powered 500mA, without External Power Supply
● High performance 16-Bit Stereo, 48 / 44.1 KHz Sampling Rate for Audio Playback
● S/PDIF Output Interface
● Embedded USB Transceiver
● Embedded High Performance 16-Bit Audio DAC
● Embedded Digital Control Power Amplifier for Speaker Driving
● Support Power Amplifier Enable / Disable Control Pin
● Support Dynamic Range Control (DRC) Feature to Provide a Better Listen Experience
● Embedded Power-On-Reset Block
● Embedded 5V to 3.3V Regulator with Voltage Level Detector for Single 5V External Power Supply
● Embedded Temperature Protection Circuit
● Embedded X2 Modulation for Higher Audio Quality
● Embedded Anti-Pop Circuit with Internal Feedback Structure
● Single 12MHz Crystal Input with Embedded PLL
● Isochronous Transfer using Adaptive Synchronization with Internal PLL
● External EEPROM Interface for Vendor Specific VID / PID / Product String
● EEPROM Read / Write Function via Vendor Specific Request for Mass Production Convenience
● Analog Volume Control Input with Simple External VR Circuit
● Digital Volume Control Input with Digital Rotary Encoder or Vol_up / Vol_dn / Play_mute Bottoms
● Vol_up / Vol_dn / Play_mute Pins and Digital Rotary Encoder Interface Support USB HID Devices Class Ver1.11 for Host Volume Control Synchronization
● Supports USB Suspend / Resume Mode and Remote Wakeup with Digital Volume Control Pins
● LED Indicator Pin During Playback
● 1 GPIO pin for Application Specific Usage
● 3.3V I/O with 5V Tolerance
● Dolby® Digital and DTS Audio Streaming via S/PDIF Output
● Compatible with Win 98SE / Win ME / Win 2000 / Win XP, and Mac OS 10.X without additional driver




Similar Part No. - CM103+

ManufacturerPart #DatasheetDescription
logo
Comus International
CM1030 COMUS-CM1030 Datasheet
130Kb / 1P
COMUS INTERNATIONAL
logo
ICM Microeletronics
CM1033-ZS ICM-CM1033-ZS Datasheet
365Kb / 11P
3-series rechargeable lithium battery protection IC
Rev 0.6
logo
Chicago Miniature Lamp,...
CM1034 CML-CM1034 Datasheet
220Kb / 1P
S-8 Double Contact Bayonet Base
logo
Visual Communications C...
CM1034 VCC-CM1034 Datasheet
33Kb / 1P
Contact Bayonet Base
logo
Chicago Miniature Lamp,...
CM1035 CML-CM1035 Datasheet
220Kb / 1P
S-8 Double Contact Bayonet Base
More results


Similar Description - CM103+

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4216 CIRRUS-CS4216 Datasheet
799Kb / 58P
16-Bit Stereo Audio Codec
CS4218 CIRRUS-CS4218 Datasheet
586Kb / 44P
16-Bit Stereo Audio Codec
logo
MOSA ELECTRONICS
MS6310 MOSA-MS6310 Datasheet
185Kb / 6P
Low Cost 16-Bit Stereo Audio DAC
logo
ELAN Microelectronics C...
EKA8561A EMC-EKA8561A Datasheet
281Kb / 14P
USB Audio Controller
EKA8562A EMC-EKA8562A Datasheet
323Kb / 18P
USB Audio Controller
logo
Cypress Semiconductor
SL11R CYPRESS-SL11R Datasheet
620Kb / 85P
USB Controller/ 16-Bit RISC Processor
logo
SONiX Technology Compan...
SN11121ASF SONIX-SN11121ASF Datasheet
156Kb / 10P
USB AUDIO Controller
logo
C-Media Electronics
NITROGEND2 CMEDIA-NITROGEND2 Datasheet
551Kb / 28P
16-Bit Stereo USB Audio Controller
logo
MOSA ELECTRONICS
MS6309 MOSA-MS6309_10 Datasheet
1,007Kb / 9P
Low Cost 16-Bit Stereo Audio DAC
logo
Generalplus Technology ...
GPCE4V000UA GENERALPLUS-GPCE4V000UA Datasheet
932Kb / 22P
16-bit Sound Controller with USB
More results




About C-Media Electronics


C-Media Electronics, Inc. is a Taiwanese company that specializes in the design and manufacture of audio processors and audio interfaces for a variety of consumer and professional applications. Their product line includes audio codecs, USB audio interfaces, and audio processing software.

C-Media's products are used in a wide range of applications, including home theater systems, gaming headsets, and professional audio equipment. They are known for their high-quality audio processing capabilities, advanced features, and competitive pricing.

The company was founded in 1991 and is headquartered in Taipei, Taiwan. C-Media has a strong commitment to research and development, and is dedicated to providing innovative and reliable audio solutions to their customers. In addition to their standard products, C-Media also provides customized solutions to meet specific customer requirements.

Overall, C-Media Electronics is a trusted and reputable supplier of audio processors and audio interfaces, with a strong reputation for quality and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com