Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8745BI-21 Datasheet (PDF) - Renesas Technology Corp

8745BI-21 Datasheet PDF - Renesas Technology Corp
Part # 8745BI-21
Download  8745BI-21 Download

File Size   620.39 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1:1 Differential-to-LVDS Zero Delay Clock Generator

8745BI-21 Datasheet (PDF)

Go To PDF Page Download Datasheet
8745BI-21 Datasheet PDF - Renesas Technology Corp

Part # 8745BI-21
Download  8745BI-21 Click to download

File Size   620.39 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1:1 Differential-to-LVDS Zero Delay Clock Generator

8745BI-21 Datasheet (HTML) - Renesas Technology Corp

Back Button 8745BI-21 Datasheet HTML 1Page - Renesas Technology Corp 8745BI-21 Datasheet HTML 2Page - Renesas Technology Corp 8745BI-21 Datasheet HTML 3Page - Renesas Technology Corp 8745BI-21 Datasheet HTML 4Page - Renesas Technology Corp 8745BI-21 Datasheet HTML 5Page - Renesas Technology Corp 8745BI-21 Datasheet HTML 6Page - Renesas Technology Corp 8745BI-21 Datasheet HTML 7Page - Renesas Technology Corp 8745BI-21 Datasheet HTML 8Page - Renesas Technology Corp 8745BI-21 Datasheet HTML 9Page - Renesas Technology Corp 8745BI-21 Datasheet HTML 10Page - Renesas Technology Corp Next Button 

8745BI-21 Product details

Features
• One differential LVDS output designed to meet
or exceed the requirements of ANSI TIA/EIA-644
One differential feedback output pair
• Differential CLK, nCLK input pair
• CLKx, nCLKx pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, HCSL, SSTL
• Output frequency range: 31.25MHz to 700MHz
• Input frequency range: 31.25MHz to 700MHz
• VCO range: 250MHz to 700MHz
• External feedback for “zero delay” clock regeneration
with configurable frequencies
• Programmable dividers allow for the following output-to-input
frequency ratios: 8:1, 4:1, 2:1, 1:1, 1:2, 1:4, 1:8
• Cycle-to-cycle jitter: 30ps (maximum)
• Output skew: 40ps (maximum)
• Static phase offset: 25ps ± 125ps
• Full 3.3V supply voltage
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package
• For functional replacement part use 8T49N285




Similar Part No. - 8745BI-21

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8745BI-21 IDT-8745BI-21 Datasheet
423Kb / 20P
   1:1 Differential-to-LVDS Zero Delay Clock Generator
More results


Similar Description - 8745BI-21

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8745B-21 RENESAS-8745B-21 Datasheet
519Kb / 20P
   1:1 Differential-to-LVDS Zero Delay Clock Generator
Rev D 2/17/15
logo
Integrated Device Techn...
8745BI-21 IDT-8745BI-21 Datasheet
423Kb / 20P
   1:1 Differential-to-LVDS Zero Delay Clock Generator
874S02I IDT-874S02I Datasheet
401Kb / 17P
   1:1 Differential-to-LVDS Zero Delay Clock Generator
logo
Renesas Technology Corp
874S02I RENESAS-874S02I Datasheet
533Kb / 16P
   1:1 Differential-to-LVDS Zero Delay Clock Generator
July 6, 2021
logo
Integrated Circuit Syst...
ICS8745B ICST-ICS8745B Datasheet
192Kb / 15P
   1:5 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
logo
Renesas Technology Corp
ICS8745BI RENESAS-ICS8745BI Datasheet
880Kb / 21P
   1:5 Differential-to-LVDS Zero Delay Clock Generator
2019
logo
Integrated Device Techn...
ICS8745BI IDT-ICS8745BI Datasheet
814Kb / 20P
   1:5 Differential-to-LVDS Zero Delay Clock Generator
logo
Integrated Circuit Syst...
ICS87004 ICST-ICS87004 Datasheet
185Kb / 14P
   1:4, DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY CLOCK GENERATOR
ICS8735-01 ICST-ICS8735-01 Datasheet
287Kb / 17P
   1:5 DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
logo
Renesas Technology Corp
ICS87004I RENESAS-ICS87004I Datasheet
764Kb / 15P
   1:4, Differential-to-LVCMOS/LVTTL Zero Delay Clock Generator
2009
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com