Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S553-6500-C1 Datasheet (PDF) - Bel Fuse Inc.

S553-6500-C1 Datasheet PDF - Bel Fuse Inc.
Part # S553-6500-C1
Download  S553-6500-C1 Download

File Size   122.02 Kbytes
Page   2 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description HIGH FREQUENCY MAGNETICS T1/E1 Mini-Octal Transformer Module

S553-6500-C1 Datasheet (PDF)

Go To PDF Page Download Datasheet
S553-6500-C1 Datasheet PDF - Bel Fuse Inc.

Part # S553-6500-C1
Download  S553-6500-C1 Click to download

File Size   122.02 Kbytes
Page   2 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description HIGH FREQUENCY MAGNETICS T1/E1 Mini-Octal Transformer Module

S553-6500-C1 Datasheet (HTML) - Bel Fuse Inc.

S553-6500-C1 Datasheet HTML 1Page - Bel Fuse Inc. S553-6500-C1 Datasheet HTML 2Page - Bel Fuse Inc.

S553-6500-C1 Product details

HIGH FREQUENCY MAGNETICS T1/E1 Mini-Octal Transformer Module

• Optimized for paralleled receive line inputs
• Eight transformers in a single surface-mount package
• Mini-octal 32-pin platform provides 33% area reduction compared to standard octal package
• Tight ratio tolerance assists impedance matching
• RXI meets ITU-T G.703 return loss requirements when RXO is terminated in 102Ω
• Operating temperature range: -40° to +85°C
• Meets IEC 695, 202 flammability requirements
• PWB Process Capability: standard printed wiring board assembly techniques, total-immersion cleaning
• Reliability testing: Shock, vibration, temperature cycling, temperature - humidity - bias
• Interwinding breakdown voltage: 1500 Vrms min




Similar Part No. - S553-6500-C1

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S553-6500-C4 BEL-S553-6500-C4 Datasheet
240Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Mini-Octal Transformer Module
S553-6500-C6 BEL-S553-6500-C6 Datasheet
244Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Miniature Octal Transformer Module
S553-6500-C7 BEL-S553-6500-C7 Datasheet
245Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Mini-Octal Transformer Module
S553-6500-C8 BEL-S553-6500-C8 Datasheet
244Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Mini-Octal Transformer Module
S553-6500-C9 BEL-S553-6500-C9 Datasheet
69Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Dual Surface Mount Transformer
More results


Similar Description - S553-6500-C1

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S553-6500-C7 BEL-S553-6500-C7 Datasheet
245Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Mini-Octal Transformer Module
S553-6500-C4 BEL-S553-6500-C4 Datasheet
240Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Mini-Octal Transformer Module
S553-6500-C8 BEL-S553-6500-C8 Datasheet
244Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Mini-Octal Transformer Module
S553-6500-E2 BEL-S553-6500-E2 Datasheet
104Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Module
S553-6500-D8 BEL-S553-6500-D8 Datasheet
101Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Module
S553-6500-F6 BEL-S553-6500-F6 Datasheet
72Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Module
S553-6500-F2 BEL-S553-6500-F2 Datasheet
115Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Module
S553-6500-D6 BEL-S553-6500-D6 Datasheet
105Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Module
S553-6500-D9 BEL-S553-6500-D9 Datasheet
107Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Module
S553-6500-C6 BEL-S553-6500-C6 Datasheet
244Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Miniature Octal Transformer Module
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com