Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCIE-1130PS-00A1E Datasheet (PDF) - Advantech Co., Ltd.

PCIE-1130PS-00A1E Datasheet PDF - Advantech Co., Ltd.
Part # PCIE-1130PS-00A1E
Download  PCIE-1130PS-00A1E Download
File Size   1265.44 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description Compact 1U High Capacity Storage Server based on Intel® Xeon® Processor Scalable Family

PCIE-1130PS-00A1E Datasheet (PDF)

Go To PDF Page Download Datasheet
PCIE-1130PS-00A1E Datasheet PDF - Advantech Co., Ltd.

Part # PCIE-1130PS-00A1E
Download  PCIE-1130PS-00A1E Click to download

File Size   1265.44 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description Compact 1U High Capacity Storage Server based on Intel® Xeon® Processor Scalable Family

PCIE-1130PS-00A1E Datasheet (HTML) - Advantech Co., Ltd.


PCIE-1130PS-00A1E Product details

Features
ƒ 1U 27.5" deep rackmount server
ƒ Single Intel® Xeon® Platinum, Gold, Silver or Bronze Processor
ƒ 6x DIMM sockets support up to 384GB DDR4 2933MHz ECC RDIMM/
LRDIMM
ƒ Rich Add-In Card Support: Up to two FH/FL PCIe x8 Gen3 slots (optional:
one FH/FL PCIe x16 Gen3 slot), one or two LP PCIe x8 Gen3 slot, one PCIe
x4 Gen3 slot for Advantech Personalization Card
ƒ Up to 8x 2.5" hot-swappable HDD/SSD drives and optional 2x 2.5" NVMe
SSD drives (optional: 4x 3.5" hot-swappable HDD drives)
ƒ 1x M.2 2280 SATA/NVMe SSD
ƒ IPMI 2.0-compliant management with reliability and security enhancements
ƒ Redhat and VMware certified




Similar Part No. - PCIE-1130PS-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCIE-1130PS-00A1E ADVANTECH-PCIE-1130PS-00A1E Datasheet
416Kb / 2P
IEC-61850-3 Certified Power Automation Server based on Intel® Xeon® Processor Scalable Family
10-Jun-2022
PCIE-1130PS-00A1E ADVANTECH-PCIE-1130PS-00A1E Datasheet
674Kb / 2P
Compact 1U High Performance Server based on Intel® Xeon® Processor Scalable Family
4-Aug-2020
PCIE-1130PS-00A1E ADVANTECH-PCIE-1130PS-00A1E Datasheet
1Mb / 2P
Compact 2U Carrier Grade, High Performance Server based on Intel® Xeon® Processor Scalable Family
7-Jan-2021
PCIE-1130PS-00A1E ADVANTECH-PCIE-1130PS-00A1E Datasheet
1Mb / 2P
Compact 2U High Capacity Storage Server based on Intel® Xeon® Processor Scalable Family
11-Jun-2020
PCIE-1130PS-00A1E ADVANTECH-PCIE-1130PS-00A1E Datasheet
404Kb / 1P
Quad Port Copper Gigabit Ethernet PCI Express Server Adapter with Intel® I350
22-Dec-2022
More results


Similar Description - PCIE-1130PS-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SKY-8201L ADVANTECH-SKY-8201L Datasheet
1Mb / 2P
Compact 2U High Capacity Storage Server based on Intel® Xeon® Processor Scalable Family
11-Jun-2020
SKY-8101 ADVANTECH-SKY-8101 Datasheet
674Kb / 2P
Compact 1U High Performance Server based on Intel® Xeon® Processor Scalable Family
4-Aug-2020
SKY-8101D ADVANTECH-SKY-8101D Datasheet
828Kb / 2P
Compact 1U High Performance Server based on 2nd Gen Intel® Xeon® Scalable Processor Family
11-Aug-2021
SKY-8134DU ADVANTECH-SKY-8134DU Datasheet
546Kb / 2P
1U High Performance Server based on 4th Gen Intel® Xeon® Processor Scalable Family
16-Jan-2023
SKY-8201 ADVANTECH-SKY-8201 Datasheet
1Mb / 2P
Compact 2U Carrier Grade, High Performance Server based on Intel® Xeon® Processor Scalable Family
7-Jan-2021
SKY-8211 ADVANTECH-SKY-8211 Datasheet
1Mb / 2P
2U High Performance Edge Server based on Intel® Xeon® Processor Scalable Family
4-Oct-2018
ECU-579 ADVANTECH-ECU-579 Datasheet
416Kb / 2P
IEC-61850-3 Certified Power Automation Server based on Intel® Xeon® Processor Scalable Family
10-Jun-2022
SKY-8232D ADVANTECH-SKY-8232D Datasheet
889Kb / 2P
Compact 2U Edge Server based on Dual 3rd Gen Intel® Xeon® Scalable Processors
29-Jul-2022
SKY-8232DV2 ADVANTECH-SKY-8232DV2 Datasheet
977Kb / 2P
Compact 2U Edge Server based on Dual 3rd Gen Intel® Xeon® Scalable Processors
22-Sep-2022
SKY-8132S ADVANTECH-SKY-8132S Datasheet
834Kb / 2P
Compact 1U Edge Server based on 3rd Gen Intel Xeon Scalable Processors
29-Jul-2022
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com