Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCIE-1130PS-00A1E Datasheet (PDF) - Advantech Co., Ltd.

PCIE-1130PS-00A1E Datasheet PDF - Advantech Co., Ltd.
Part # PCIE-1130PS-00A1E
Download  PCIE-1130PS-00A1E Download

File Size   1033.71 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description Compact 2U High Capacity Storage Server based on Intel® Xeon® Processor Scalable Family

PCIE-1130PS-00A1E Datasheet (PDF)

Go To PDF Page Download Datasheet
PCIE-1130PS-00A1E Datasheet PDF - Advantech Co., Ltd.

Part # PCIE-1130PS-00A1E
Download  PCIE-1130PS-00A1E Click to download

File Size   1033.71 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description Compact 2U High Capacity Storage Server based on Intel® Xeon® Processor Scalable Family

PCIE-1130PS-00A1E Datasheet (HTML) - Advantech Co., Ltd.

PCIE-1130PS-00A1E Datasheet HTML 1Page - Advantech Co., Ltd. PCIE-1130PS-00A1E Datasheet HTML 2Page - Advantech Co., Ltd.

PCIE-1130PS-00A1E Product details

Features
ƒƒ 2U 27.5" deep rackmount server
ƒƒ Dual Intel® Xeon® Platinum, Gold, Silver or Bronze Processor (Up to 205W
TDP)
ƒƒ 16x DIMM sockets support up to 1024GB DDR4 2666 / 2933 MHz DDR4
(ECC/RDIMM/LRDIMM)
ƒƒ Rich Add-In Card Support: Up to four FH/FL PCIe x8 Gen3 slots, two FH/HL
PCIe x8 Gen3 (Optional: four FH/FL PCIe x16 Gen3 slots) , plus two LP PCIe
x8 Gen3 slot, or Advantech Personalization card
ƒƒ Up to 12x 3.5" or 24x 2.5" hot-swappable HDD/SSD drives and optional 4x
2.5" NVMe SSD drives
ƒƒ 1x M.2 2280 SATA SSD
ƒƒ IPMI 2.0-compliant management with reliability and security enhancements
ƒƒ Intel Select Solutions for NFVi Gen2 certified




Similar Part No. - PCIE-1130PS-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCIE-1130PS-00A1E ADVANTECH-PCIE-1130PS-00A1E Datasheet
416Kb / 2P
   IEC-61850-3 Certified Power Automation Server based on Intel® Xeon® Processor Scalable Family
10-Jun-2022
PCIE-1130PS-00A1E ADVANTECH-PCIE-1130PS-00A1E Datasheet
674Kb / 2P
   Compact 1U High Performance Server based on Intel® Xeon® Processor Scalable Family
4-Aug-2020
PCIE-1130PS-00A1E ADVANTECH-PCIE-1130PS-00A1E Datasheet
1Mb / 2P
   Compact 1U High Capacity Storage Server based on Intel® Xeon® Processor Scalable Family
4-Aug-2020
PCIE-1130PS-00A1E ADVANTECH-PCIE-1130PS-00A1E Datasheet
1Mb / 2P
   Compact 2U Carrier Grade, High Performance Server based on Intel® Xeon® Processor Scalable Family
7-Jan-2021
PCIE-1130PS-00A1E ADVANTECH-PCIE-1130PS-00A1E Datasheet
404Kb / 1P
   Quad Port Copper Gigabit Ethernet PCI Express Server Adapter with Intel® I350
22-Dec-2022
More results


Similar Description - PCIE-1130PS-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SKY-8101L ADVANTECH-SKY-8101L Datasheet
1Mb / 2P
   Compact 1U High Capacity Storage Server based on Intel® Xeon® Processor Scalable Family
4-Aug-2020
SKY-8211 ADVANTECH-SKY-8211 Datasheet
1Mb / 2P
   2U High Performance Edge Server based on Intel® Xeon® Processor Scalable Family
4-Oct-2018
SKY-8201 ADVANTECH-SKY-8201 Datasheet
1Mb / 2P
   Compact 2U Carrier Grade, High Performance Server based on Intel® Xeon® Processor Scalable Family
7-Jan-2021
SKY-8101 ADVANTECH-SKY-8101 Datasheet
674Kb / 2P
   Compact 1U High Performance Server based on Intel® Xeon® Processor Scalable Family
4-Aug-2020
SKY-8101D ADVANTECH-SKY-8101D Datasheet
828Kb / 2P
   Compact 1U High Performance Server based on 2nd Gen Intel® Xeon® Scalable Processor Family
11-Aug-2021
SKY-8134DU ADVANTECH-SKY-8134DU Datasheet
546Kb / 2P
   1U High Performance Server based on 4th Gen Intel® Xeon® Processor Scalable Family
16-Jan-2023
SKY-8232D ADVANTECH-SKY-8232D Datasheet
889Kb / 2P
   Compact 2U Edge Server based on Dual 3rd Gen Intel® Xeon® Scalable Processors
29-Jul-2022
SKY-8232DV2 ADVANTECH-SKY-8232DV2 Datasheet
977Kb / 2P
   Compact 2U Edge Server based on Dual 3rd Gen Intel® Xeon® Scalable Processors
22-Sep-2022
ECU-579 ADVANTECH-ECU-579 Datasheet
416Kb / 2P
   IEC-61850-3 Certified Power Automation Server based on Intel® Xeon® Processor Scalable Family
10-Jun-2022
FWA-6070 ADVANTECH-FWA-6070 Datasheet
1Mb / 2P
   2U Rackmount Network Appliance with single Intel® Xeon® Processor Scalable Family
21-Nov-2018
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com