Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BW-20N250W+ Datasheet (PDF) - Mini-Circuits

BW-20N250W+ Datasheet PDF - Mini-Circuits
Part # BW-20N250W+
Download  BW-20N250W+ Download
File Size   400.64 Kbytes
Page   4 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Precision Fixed Attenuator

BW-20N250W+ Datasheet (PDF)

Go To PDF Page Download Datasheet
BW-20N250W+ Datasheet PDF - Mini-Circuits

Part # BW-20N250W+
Download  BW-20N250W+ Click to download

File Size   400.64 Kbytes
Page   4 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Precision Fixed Attenuator

BW-20N250W+ Datasheet (HTML) - Mini-Circuits


BW-20N250W+ Product details

Wideband Operation, DC to 8000 MHz
High Power Handling, 250W
Excellent VSWR, 1.14 Typ.
Excellent Flatness, ±0.6 dB Typ.
Uni-directional power rating

APPLICATIONS
Test and Measurement Equipment
LTE & 5G MIMO Infrastructure
Satellite Communications
Radar, EW, and ECM Defense Systems




Similar Part No. - BW-20N250W+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BW-20N100W MINI-BW-20N100W Datasheet
191Kb / 2P
N-Type Fixed Attenuator
More results


Similar Description - BW-20N250W+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BW-S8W2 MINI-BW-S8W2 Datasheet
186Kb / 1P
Precision Fixed Attenuator
BW-S50W2 MINI-BW-S50W2 Datasheet
174Kb / 1P
Precision Fixed Attenuator
BW-N10W5 MINI-BW-N10W5 Datasheet
196Kb / 1P
Precision Fixed Attenuator
BW-S15W5 MINI-BW-S15W5 Datasheet
205Kb / 1P
Precision Fixed Attenuator
BW-S30W5 MINI-BW-S30W5 Datasheet
205Kb / 1P
Precision Fixed Attenuator
BW-K5-2W44 MINI-BW-K5-2W44 Datasheet
201Kb / 2P
Precision Fixed Attenuator
BW-K20-2W44 MINI-BW-K20-2W44 Datasheet
182Kb / 2P
Precision Fixed Attenuator
BW-E6-1W653 MINI-BW-E6-1W653 Datasheet
175Kb / 2P
Precision Fixed Attenuator
BW-E10-1W653 MINI-BW-E10-1W653 Datasheet
175Kb / 2P
Precision Fixed Attenuator
BW-E20-1W653 MINI-BW-E20-1W653 Datasheet
175Kb / 2P
Precision Fixed Attenuator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com