Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM-A2839-FREQ Datasheet (PDF) - Nel Frequency Controls,inc

SM-A2839-FREQ Datasheet PDF - Nel Frequency Controls,inc
Part # SM-A2839-FREQ
Download  SM-A2839-FREQ Download

File Size   262.26 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description CRYSTAL CLOCK OSCILLATORS

SM-A2839-FREQ Datasheet (PDF)

Go To PDF Page Download Datasheet
SM-A2839-FREQ Datasheet PDF - Nel Frequency Controls,inc

Part # SM-A2839-FREQ
Download  SM-A2839-FREQ Click to download

File Size   262.26 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description CRYSTAL CLOCK OSCILLATORS

SM-A2839-FREQ Datasheet (HTML) - Nel Frequency Controls,inc

SM-A2839-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc SM-A2839-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc

SM-A2839-FREQ Product details

Description
The HS-2830 Series of quartz crystal oscillators provide F 100K series compatible signals in industry standard four-pin DIP hermetic packages. Systems designers may now specify space-saving, cost effective packaged ECL oscillators to meet their timing requirements.

Features
• Wide frequency range–15.0MHz to 250.0MHz
• User specified tolerance available
• Will withstand vapor phase temperatures of 253°C for 4 minutes maximum
• Space-saving alternative to discrete component oscillators
• High shock resistance, to 3000g
• Metal lid electrically connected to ground to reduce EMI
• Low Jitter
• F 100K series compatible output on Pin 8, complement on Pin 1
• High Q Crystal actively tuned oscillator circuit
• Power supply decoupling internal
• No internal PLL avoids cascading PLL problems
• High frequencies due to proprietary design
• Gold plated leads - Solder dipped leads available upon request




Similar Part No. - SM-A2839-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SM-A2820-FREQ NEL-SM-A2820-FREQ Datasheet
262Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SM-A2821-FREQ NEL-SM-A2821-FREQ Datasheet
262Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SM-A2827-FREQ NEL-SM-A2827-FREQ Datasheet
262Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SM-A2829-FREQ NEL-SM-A2829-FREQ Datasheet
262Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SM-A282A-FREQ NEL-SM-A282A-FREQ Datasheet
262Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
More results


Similar Description - SM-A2839-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-600 NEL-HS-600 Datasheet
297Kb / 2P
   Crystal Clock Oscillators
logo
List of Unclassifed Man...
HS-2870 ETC1-HS-2870 Datasheet
362Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-A1440 ETC1-SC-A1440 Datasheet
278Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Nel Frequency Controls,...
SD-B2980 NEL-SD-B2980 Datasheet
50Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-160 NEL-SJ-160 Datasheet
258Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-B2870 NEL-SJ-B2870 Datasheet
381Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SK-A2D00 NEL-SK-A2D00 Datasheet
255Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Wolfgang Knap
22SMOP WK-22SMOP Datasheet
98Kb / 1P
   Crystal Clock Oscillators
32SMOP WK-32SMOP Datasheet
100Kb / 1P
   Crystal Clock Oscillators
logo
List of Unclassifed Man...
SJ460 ETC-SJ460 Datasheet
256Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-A1420 ETC1-SC-A1420 Datasheet
41Kb / 2P
   Crystal Clock Oscillators
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com