Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SJ-A370 Datasheet (PDF) - Nel Frequency Controls,inc

SJ-A370 Datasheet PDF - Nel Frequency Controls,inc
Part # SJ-A370
Download  SJ-A370 Download

File Size   258.65 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description CMOS

SJ-A370 Datasheet (PDF)

Go To PDF Page Download Datasheet
SJ-A370 Datasheet PDF - Nel Frequency Controls,inc

Part # SJ-A370
Download  SJ-A370 Click to download

File Size   258.65 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description CMOS

SJ-A370 Datasheet (HTML) - Nel Frequency Controls,inc

SJ-A370 Datasheet HTML 1Page - Nel Frequency Controls,inc SJ-A370 Datasheet HTML 2Page - Nel Frequency Controls,inc

SJ-A370 Product details

Description
The SJ-370 Series of quartz crystal oscillators are designed to survive standard wave soldering operations without damage.

Features
 • Wide frequency range–2.25MHz to 80.0MHz
 • User specified tolerance available
 • Will withstand vapor phase temperatures of 253°C for 4 minutes maximum
 • Space-saving alternative to discrete component oscillators
 • High shock resistance, to 3000g
 • Metal lid electrically connected to ground to reduce EMI
 • Low Jitter
 • TTL compatible (HCT) at specified supply voltage
 • High Q Crystal actively tuned oscillator circuit
 • Low power consumption
 • Power supply decoupling internal
 • No internal PLL avoids cascading PLL problems
 • High frequencies due to proprietary design
 • Gold plated leads




Similar Part No. - SJ-A370

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SJ-A370-FREQ NEL-SJ-A370-FREQ Datasheet
258Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-A370 NEL-SJ-A370_10 Datasheet
100Kb / 3P
   of quartz crystal oscillators are designed to survive standard wave soldering operations without damage
More results


Similar Description - SJ-A370

ManufacturerPart #DatasheetDescription
logo
Rohm
BD49K24G-TL ROHM-BD49K24G-TL Datasheet
507Kb / 18P
   Standard CMOS Standard CMOS
logo
List of Unclassifed Man...
VDA ETC2-VDA Datasheet
1Mb / 20P
   CMOS
VDD ETC2-VDD Datasheet
1Mb / 22P
   CMOS
logo
Nel Frequency Controls,...
HS-A370 NEL-HS-A370 Datasheet
257Kb / 2P
   CMOS
AC-A1460 NEL-AC-A1460 Datasheet
38Kb / 2P
   CMOS
logo
List of Unclassifed Man...
HA1630Q01 ETC-HA1630Q01 Datasheet
216Kb / 7P
   CMOS
VRD ETC2-VRD Datasheet
3Mb / 36P
   CMOS
VRR ETC2-VRR Datasheet
2Mb / 29P
   CMOS
logo
Shenzhen Titan Micro El...
TM74HC595 TITAN-TM74HC595 Datasheet
753Kb / 7P
   CMOS
TM74HC04 TITAN-TM74HC04 Datasheet
181Kb / 6P
   CMOS
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com