Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8N3DV76EC-0000CDI8 Datasheet (PDF) - Renesas Technology Corp

8N3DV76EC-0000CDI8 Datasheet PDF - Renesas Technology Corp
Part # 8N3DV76EC-0000CDI8
Download  8N3DV76EC-0000CDI8 Download

File Size   1425.6 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LVPECL Frequency-Programmable Crystal Oscillator

8N3DV76EC-0000CDI8 Datasheet (PDF)

Go To PDF Page Download Datasheet
8N3DV76EC-0000CDI8 Datasheet PDF - Renesas Technology Corp

Part # 8N3DV76EC-0000CDI8
Download  8N3DV76EC-0000CDI8 Click to download

File Size   1425.6 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LVPECL Frequency-Programmable Crystal Oscillator

8N3DV76EC-0000CDI8 Datasheet (HTML) - Renesas Technology Corp

Back Button 8N3DV76EC-0000CDI8 Datasheet HTML 1Page - Renesas Technology Corp 8N3DV76EC-0000CDI8 Datasheet HTML 2Page - Renesas Technology Corp 8N3DV76EC-0000CDI8 Datasheet HTML 3Page - Renesas Technology Corp 8N3DV76EC-0000CDI8 Datasheet HTML 4Page - Renesas Technology Corp 8N3DV76EC-0000CDI8 Datasheet HTML 5Page - Renesas Technology Corp 8N3DV76EC-0000CDI8 Datasheet HTML 6Page - Renesas Technology Corp 8N3DV76EC-0000CDI8 Datasheet HTML 7Page - Renesas Technology Corp 8N3DV76EC-0000CDI8 Datasheet HTML 8Page - Renesas Technology Corp 8N3DV76EC-0000CDI8 Datasheet HTML 9Page - Renesas Technology Corp 8N3DV76EC-0000CDI8 Datasheet HTML 10Page - Renesas Technology Corp Next Button 

8N3DV76EC-0000CDI8 Product details

Features
• Fourth generation FemtoClock® NG technology
• Factory-programmable clock output frequency from 15.476MHz to
866.67MHz and from 975MHz to 1,300MHz
• Frequency programming resolution is 218Hz and better
• One 2.5V or 3.3V LVPECL clock output
• Output enable control (positive polarity), LVCMOS/LVTTL
compatible
• RMS phase jitter @ 156.25MHz (12kHz - 20MHz): 0.24ps
(typical), integer PLL feedback configuration
• RMS phase jitter @ 156.25MHz (1kHz - 40MHz): 0.27ps (typical),
integer PLL feedback configuration
• 2.5V or 3.3V supply
• -40°C to 85°C ambient operating temperature
• Available in a lead-free (RoHS 6) 6-pin ceramic package




Similar Part No. - 8N3DV76EC-0000CDI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8N3DV76EC-0000CDI8 RENESAS-8N3DV76EC-0000CDI8 Datasheet
725Kb / 19P
   LVDS Frequency-Programmable Crystal Oscillator
2019
More results


Similar Description - 8N3DV76EC-0000CDI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT8N3S270EC-1103 RENESAS-IDT8N3S270EC-1103 Datasheet
1Mb / 16P
   LVPECL Frequency-Programmable Crystal Oscillator
2019
IDT8N3S272 RENESAS-IDT8N3S272 Datasheet
715Kb / 19P
   LVPECL Frequency-Programmable Crystal Oscillator
NOVEMBER 28, 2012
IDT8N3S271 RENESAS-IDT8N3S271 Datasheet
768Kb / 20P
   LVPECL Frequency-Programmable Crystal Oscillator
DECEMBER 17, 2012
IDT8N3D085 RENESAS-IDT8N3D085 Datasheet
735Kb / 20P
   LVPECL Dual Frequency Programmable Crystal Oscillator
DECEMBER 14, 2012
logo
Epson Company
SG-8002JA EPSON-SG-8002JA Datasheet
33Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Renesas Technology Corp
IDT8N4S271 RENESAS-IDT8N4S271 Datasheet
725Kb / 19P
   LVDS Frequency-Programmable Crystal Oscillator
2019
logo
Cypress Semiconductor
CY25702 CYPRESS-CY25702_09 Datasheet
220Kb / 6P
   Programmable High-Frequency Crystal Oscillator
logo
List of Unclassifed Man...
SG-8002CA ETC1-SG-8002CA Datasheet
24Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Renesas Technology Corp
IDT8N4S270 RENESAS-IDT8N4S270 Datasheet
946Kb / 19P
   LVDS Frequency-Programmable Crystal Oscillator
2019
logo
List of Unclassifed Man...
SG8002CE ETC-SG8002CE Datasheet
104Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com