Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG67/XR Datasheet (PDF) - NXP Semiconductors

BFG67/XR Datasheet PDF - NXP Semiconductors
Part # BFG67/XR
Download  BFG67/XR Download
File Size   133.36 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN 8 GHz wideband transistors

BFG67/XR Datasheet (PDF)

Go To PDF Page Download Datasheet
BFG67/XR Datasheet PDF - NXP Semiconductors

Part # BFG67/XR
Download  BFG67/XR Click to download

File Size   133.36 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN 8 GHz wideband transistors

BFG67/XR Datasheet (HTML) - NXP Semiconductors


BFG67/XR Product details

DESCRIPTION
NPN silicon transistor in a 4-pin, dual-emitter SOT143B plastic package. Available with in-line emitter pinning (BFG67) and cross emitter pinning (BFG67/X). Version with reverse pinning (BFG67/XR) also available on request.

FEATURES
• High power gain
• Low noise figure
• High transition frequency
• Gold metallization ensures excellent reliability.

APPLICATIONS
   Wideband applications in the GHz
   range, such as satellite TV tuners and
   portable RF communications equipment.




Similar Part No. - BFG67/XR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG67/XR NXP-BFG67/XR Datasheet
287Kb / 14P
NPN 8 GHz wideband transistors
Rev. 05-23 November 2007
More results


Similar Description - BFG67/XR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG520W PHILIPS-BFG520W Datasheet
154Kb / 16P
NPN 9 GHz wideband transistors
1998 Oct 02
BFG93A PHILIPS-BFG93A Datasheet
133Kb / 16P
NPN 6 GHz wideband transistors
1998 Sep 23
BFG67 NXP-BFG67 Datasheet
287Kb / 14P
NPN 8 GHz wideband transistors
Rev. 05-23 November 2007
BFG93A NXP-BFG93A Datasheet
286Kb / 13P
NPN 6 GHz wideband transistors
Rev. 05-26 November 2007
BFG520W NXP-BFG520W Datasheet
304Kb / 15P
NPN 9 GHz wideband transistors
Rev. 04-21 November 2007
logo
Quanzhou Jinmei Electro...
BFG67_2015 JMNIC-BFG67_2015 Datasheet
116Kb / 16P
NPN 8 GHz wideband transistors
BFG505_2015 JMNIC-BFG505_2015 Datasheet
136Kb / 16P
NPN 9 GHz wideband transistors
BFG520W_2015 JMNIC-BFG520W_2015 Datasheet
130Kb / 16P
NPN 9 GHz wideband transistors
BFG67 JMNIC-BFG67_15 Datasheet
116Kb / 16P
NPN 8 GHz wideband transistors
BFG505 JMNIC-BFG505_15 Datasheet
136Kb / 16P
NPN 9 GHz wideband transistors
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com