Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72V801L15PFG8 Datasheet (PDF) - Renesas Technology Corp

72V801L15PFG8 Datasheet PDF - Renesas Technology Corp
Part # 72V801L15PFG8
Download  72V801L15PFG8 Download

File Size   327.05 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT DUAL CMOS SyncFIFO™ DUAL 256 X 9, DUAL 512 X 9, DUAL 1,024 X 9, DUAL 2,048 X 9, DUAL 4,096 X 9 , DUAL 8,192 X 9

72V801L15PFG8 Datasheet (PDF)

Go To PDF Page Download Datasheet
72V801L15PFG8 Datasheet PDF - Renesas Technology Corp

Part # 72V801L15PFG8
Download  72V801L15PFG8 Click to download

File Size   327.05 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT DUAL CMOS SyncFIFO™ DUAL 256 X 9, DUAL 512 X 9, DUAL 1,024 X 9, DUAL 2,048 X 9, DUAL 4,096 X 9 , DUAL 8,192 X 9

72V801L15PFG8 Datasheet (HTML) - Renesas Technology Corp

Back Button 72V801L15PFG8 Datasheet HTML 1Page - Renesas Technology Corp 72V801L15PFG8 Datasheet HTML 2Page - Renesas Technology Corp 72V801L15PFG8 Datasheet HTML 3Page - Renesas Technology Corp 72V801L15PFG8 Datasheet HTML 4Page - Renesas Technology Corp 72V801L15PFG8 Datasheet HTML 5Page - Renesas Technology Corp 72V801L15PFG8 Datasheet HTML 6Page - Renesas Technology Corp 72V801L15PFG8 Datasheet HTML 7Page - Renesas Technology Corp 72V801L15PFG8 Datasheet HTML 8Page - Renesas Technology Corp 72V801L15PFG8 Datasheet HTML 9Page - Renesas Technology Corp 72V801L15PFG8 Datasheet HTML 10Page - Renesas Technology Corp Next Button 

72V801L15PFG8 Product details

FEATURES:
• The IDT72V801 is equivalent to two IDT72V201 256 x 9 FIFOs
• The IDT72V811 is equivalent to two IDT72V211 512 x 9 FIFOs
• The IDT72V821 is equivalent to two IDT72V221 1,024 x 9 FIFOs
• The IDT72V831 is equivalent to two IDT72V231 2,048 x 9 FIFOs
• The IDT72V841 is equivalent to two IDT72V241 4,096 x 9 FIFOs
• The IDT72V851 is equivalent to two IDT72V251 8,192 x 9 FIFOs
• Offers optimal combination of large capacity, high speed,
design flexibility and small footprint
• Ideal for prioritization, bidirectional, and width expansion
applications
• 10 ns read/write cycle time
• 5V input tolerant
• Separate control lines and data lines for each FIFO
• Separate Empty, Full, programmable Almost-Empty and Almost-Full flags for each FIFO
• Enable puts output data lines in high-impedance state
• Space-saving 64-pin plastic Thin Quad Flat Pack (TQFP/STQFP)
• Industrial temperature range (–40°C to +85°C) is available
• Green parts available, see ordering information




Similar Part No. - 72V801L15PFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
72V801L15PFG8 IDT-72V801L15PFG8 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
More results


Similar Description - 72V801L15PFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81_09 Datasheet
125Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
IDT7280 IDT-IDT7280 Datasheet
154Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
IDT72V81 IDT-IDT72V81 Datasheet
98Kb / 11P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
IDT72V201 IDT-IDT72V201 Datasheet
115Kb / 14P
   3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
IDT7280 IDT-IDT7280 Datasheet
142Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
7203L25J IDT-7203L25J Datasheet
311Kb / 10P
   CMOS ASYNCHRONOUS FIFO 2,048 x 9, 4,096 x 9 8,192 x 9, 16,384 x 9
logo
Renesas Technology Corp
IDT72V805 RENESAS-IDT72V805 Datasheet
399Kb / 27P
   3.3 VOLT CMOS DUAL SyncFIFO™ DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 and DUAL 4,096 x 18
MARCH 2018
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72V805 IDT-IDT72V805 Datasheet
490Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com