Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XE5692H Datasheet (PDF) - List of Unclassifed Manufacturers

XE5692H Datasheet PDF - List of Unclassifed Manufacturers
Part # XE5692H
Download  XE5692H Download

File Size   264.9 Kbytes
Page   22 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Half-Size, Low-Cost Global Embedded Modem

XE5692H Datasheet (PDF)

Go To PDF Page Download Datasheet
XE5692H Datasheet PDF - List of Unclassifed Manufacturers

Part # XE5692H
Download  XE5692H Click to download

File Size   264.9 Kbytes
Page   22 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Half-Size, Low-Cost Global Embedded Modem

XE5692H Datasheet (HTML) - List of Unclassifed Manufacturers

Back Button XE5692H Datasheet HTML 1Page - List of Unclassifed Manufacturers XE5692H Datasheet HTML 2Page - List of Unclassifed Manufacturers XE5692H Datasheet HTML 3Page - List of Unclassifed Manufacturers XE5692H Datasheet HTML 4Page - List of Unclassifed Manufacturers XE5692H Datasheet HTML 5Page - List of Unclassifed Manufacturers XE5692H Datasheet HTML 6Page - List of Unclassifed Manufacturers XE5692H Datasheet HTML 7Page - List of Unclassifed Manufacturers XE5692H Datasheet HTML 8Page - List of Unclassifed Manufacturers XE5692H Datasheet HTML 9Page - List of Unclassifed Manufacturers XE5692H Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button 

XE5692H Product details

[Xecom]

Description
The Xecom XE5692H is a complete, global modem in a compact, surface-mount module. It covers less than half the board space of the leading competitor and is less than half as thick as well.

Features
• Models: XE5692H: 0 to 70C operating temp XE5692H-ITR: -40 to 85C operating temperature
• Size: 1.6” x 0.8” x 0.152”
• Data transfer at rates from 300 bps to 56 Kbps
• Control & configuration via AT commands.
• 3.3 and 5 volt compatible serial interface
• V.42 error control and V.42bis data compression.
• Shared line features prevent modem operation from interfering with voice communications.
• Boot command automatically loads user defaults
• Complete integrated DAA.
• User transferrable FCC Part 68 registration
• World-wide telephone networks compliance.
• UL60950 Recognition
• Low Power operation, 3.3 Volts, 100 milliwatts;
• RoHS compliant




Similar Part No. - XE5692H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE5690G ETC1-XE5690G Datasheet
70Kb / 16P
   Worldst Smallest Complete V.90 Modem
XE5690H ETC1-XE5690H Datasheet
70Kb / 16P
   Half-Size, Low-Cost Global Embedded Modem
XE5690SM ETC1-XE5690SM Datasheet
70Kb / 16P
   Compact, Low-Cost Global Embedded Modem
More results


Similar Description - XE5692H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE5690H ETC1-XE5690H Datasheet
70Kb / 16P
   Half-Size, Low-Cost Global Embedded Modem
XE5690SM ETC1-XE5690SM Datasheet
70Kb / 16P
   Compact, Low-Cost Global Embedded Modem
logo
rfsolutions.ltd
GSM-T35I RFSOLUTIONS-GSM-T35I Datasheet
900Kb / 10P
   LOW COST GSM MODEM
FM-232C-433 RFSOLUTIONS-FM-232C-433 Datasheet
74Kb / 6P
   RS232 LOW COST RF MODEM
logo
Clare, Inc.
CPC2400E CLARE-CPC2400E Datasheet
117Kb / 18P
   Embedded Modem Module
logo
Advantech Co., Ltd.
GPRS-100 ADVANTECH-GPRS-100 Datasheet
231Kb / 1P
   Embedded GPRS Modem
HSPA-100 ADVANTECH-HSPA-100 Datasheet
215Kb / 1P
   Embedded HSDPA Modem
logo
SL Power Electronics
GLC40 SLPOWER-GLC40 Datasheet
272Kb / 2P
   40 WATT GLOBAL PERFORMANCE LOW COST SWITCHERS
logo
List of Unclassifed Man...
SC56H0 ETC2-SC56H0 Datasheet
62Kb / 3P
   MultiTech SocketModem Embedded Modem
logo
CML Microcircuits
CMX7011 CMLMICRO-CMX7011 Datasheet
1Mb / 33P
   Embedded audio-band modem
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com